Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXA1507-0000-000N00G235F Fiches technique(PDF) 3 Page - Cree, Inc

No de pièce CXA1507-0000-000N00G235F
Description  Cree짰 XLamp짰 CXA1507 LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  CREE [Cree, Inc]
Site Internet  http://www.cree.com/
Logo CREE - Cree, Inc

CXA1507-0000-000N00G235F Fiches technique(HTML) 3 Page - Cree, Inc

  CXA1507-0000-000N00G235F Datasheet HTML 1Page - Cree, Inc CXA1507-0000-000N00G235F Datasheet HTML 2Page - Cree, Inc CXA1507-0000-000N00G235F Datasheet HTML 3Page - Cree, Inc CXA1507-0000-000N00G235F Datasheet HTML 4Page - Cree, Inc CXA1507-0000-000N00G235F Datasheet HTML 5Page - Cree, Inc CXA1507-0000-000N00G235F Datasheet HTML 6Page - Cree, Inc CXA1507-0000-000N00G235F Datasheet HTML 7Page - Cree, Inc CXA1507-0000-000N00G235F Datasheet HTML 8Page - Cree, Inc CXA1507-0000-000N00G235F Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Copyright © 2012 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo and XLamp® are registered trademarks
of Cree, Inc.
3
XLamp CXa1507 LED
color
cct
range
base order codes
min. luminous flux
@ 200 ma
chromaticity regions
order code
Group
flux (lm)
@ 85 °c
flux (lm)
@ 25 °c*
ANSI white
5000K
G2
780
871
3A0, 3B0, 3C0, 3D0
CXA1507-0000-000N00G20e3
G4
840
938
CXA1507-0000-000N00G40e3
4000K
F4
730
815
5A0, 5B0, 5C0, 5D0
CXA1507-0000-000N00F40e5
G2
780
871
CXA1507-0000-000N00G20e5
G4
840
938
CXA1507-0000-000N00G40e5
3500K
F2
680
759
6A0, 6B0, 6C0, 6D0
CXA1507-0000-000N00F20e6
F4
730
815
CXA1507-0000-000N00F40e6
G2
780
871
CXA1507-0000-000N00G20e6
3000K
F2
680
759
7A0, 7B0, 7C0, 7D0
CXA1507-0000-000N00F20e7
F4
730
815
CXA1507-0000-000N00F40e7
2700K
e4
635
709
8A0, 8B0, 8C0, 8D0
CXA1507-0000-000N00e40e8
F2
680
759
CXA1507-0000-000N00F20e8
F4
730
815
CXA1507-0000-000N00F40e8
Notes:
Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and a
tolerance of ±2 on CRI measurements.
minimum CRI for standard color temperatures 0e8, 27F, 27H, 0e7, 30F, 30H, 0e6, 35F, 35H is 80.
minimum CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 70.
Typical CRI for standard color temperatures 0e5, 40F, 40H, 0e3, 50F, 50H is 75.
*
Flux values @ 25 °C are calculated and for reference only.


Numéro de pièce similaire - CXA1507-0000-000N00G235F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA1507-0000-000N00G235F CREE-CXA1507-0000-000N00G235F Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA1507-0000-000N00G235F CREE-CXA1507-0000-000N00G235F Datasheet
1Mb / 17P
   LED array expands Crees family of high flux, multi die arrays in a smaller
More results

Description similaire - CXA1507-0000-000N00G235F

FabricantNo de pièceFiches techniqueDescription
logo
Cree, Inc
CXA1507 CREE-CXA1507 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1507 LED
CXA2011 CREE-CXA2011 Datasheet
1Mb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT1925 CREE-CMT1925 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1925 LED
CMA1306 CREE-CMA1306 Datasheet
2Mb / 35P
   Cree짰 XLamp짰 CMA1306 LED
CMT1412 CREE-CMT1412 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1412 LED
CMT1420 CREE-CMT1420 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT1420 LED
CXA1512 CREE-CXA1512 Datasheet
1Mb / 15P
   Cree짰 XLamp짰 CXA1512 LED
CXA2011_V1A CREE-CXA2011_V1A Datasheet
920Kb / 12P
   Cree짰 XLamp짰 CXA2011 LED
CMT2850 CREE-CMT2850 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2850 LED
CMT2870 CREE-CMT2870 Datasheet
2Mb / 21P
   Cree짰 XLamp짰 CMT2870 LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com