Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

RT7237J Fiches technique(PDF) 14 Page - Richtek Technology Corporation

No de pièce RT7237J
Description  2A, 18V, 340kHz Synchronous Step-Down Converter
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  RICHTEK [Richtek Technology Corporation]
Site Internet  http://www.richtek.com
Logo RICHTEK - Richtek Technology Corporation

RT7237J Fiches technique(HTML) 14 Page - Richtek Technology Corporation

Back Button RT7237J Datasheet HTML 7Page - Richtek Technology Corporation RT7237J Datasheet HTML 8Page - Richtek Technology Corporation RT7237J Datasheet HTML 9Page - Richtek Technology Corporation RT7237J Datasheet HTML 10Page - Richtek Technology Corporation RT7237J Datasheet HTML 11Page - Richtek Technology Corporation RT7237J Datasheet HTML 12Page - Richtek Technology Corporation RT7237J Datasheet HTML 13Page - Richtek Technology Corporation RT7237J Datasheet HTML 14Page - Richtek Technology Corporation RT7237J Datasheet HTML 15Page - Richtek Technology Corporation  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
RT7237J
14
DS7237J-00
September 2012
www.richtek.com
©
Copyright
2012 Richtek Technology Corporation. All rights reserved.
is a registered trademark of Richtek Technology Corporation.
Figure 8. PCB Layout Guide
Table 3. Suggested Capacitors for CIN and COUT
Location
Component Supplier
Part No.
Capacitance (
μF)
Case Size
CIN
MURATA
GRM31CR61E106K
10
1206
CIN
TDK
C3225X5R1E106K
10
1206
CIN
TAIYO YUDEN
TMK316BJ106ML
10
1206
COUT
MURATA
GRM31CR60J476M
47
1206
COUT
TDK
C3225X5R0J476M
47
1210
COUT
MURATA
GRM32ER71C226M
22
1210
COUT
TDK
C3225X5R1C22M
22
1210
VIN
VOUT
GND
CIN
GND
CP
CC
RC
SW
VOUT
COUT
L
R1
R2
Input capacitor must
be placed as close
to the IC as possible.
SW node is with high frequency voltage swing and should
be kept at small area. Keep analog components away from
the SW node to prevent stray capacitive noise pick-up
The feedback components
must be connected as close
to the device as possible.
BOOT
VIN
SW
GND
SS
EN
FB
COMP
GND
2
3
4
5
6
7
8
9
CSS
GND
VIN
REN
CBOOT


Numéro de pièce similaire - RT7237J

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RT7237A RICHTEK-RT7237A Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7237AHGSP RICHTEK-RT7237AHGSP Datasheet
583Kb / 11P
   Evaluation Board
RT7237B RICHTEK-RT7237B Datasheet
272Kb / 15P
   2A, 18V, 1.2MHz Synchronous Step-Down Converter
RT7237C RICHTEK-RT7237C Datasheet
276Kb / 15P
   RT7237C
More results

Description similaire - RT7237J

FabricantNo de pièceFiches techniqueDescription
logo
Richtek Technology Corp...
RT7237A RICHTEK-RT7237A Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7247A RICHTEK-RT7247A Datasheet
283Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7248 RICHTEK-RT7248 Datasheet
281Kb / 15P
   2A, 18V, 340kHz Synchronous Step-Down Converter
RT7257C RICHTEK-RT7257C Datasheet
214Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7297A RICHTEK-RT7297A Datasheet
280Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257A RICHTEK-RT7257A Datasheet
274Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7257J RICHTEK-RT7257J Datasheet
271Kb / 15P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT7270 RICHTEK-RT7270 Datasheet
312Kb / 14P
   3A, 18V, 340kHz Synchronous Step-Down Converter
RT8252A RICHTEK-RT8252A Datasheet
196Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
RT8295A RICHTEK-RT8295A Datasheet
296Kb / 14P
   2A, 23V, 340kHz Synchronous Step-Down Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com