Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK672-540 Fiches technique(PDF) 11 Page - Sanyo Semicon Device

No de pièce STK672-540
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-540 Fiches technique(HTML) 11 Page - Sanyo Semicon Device

Back Button STK672-540 Datasheet HTML 7Page - Sanyo Semicon Device STK672-540 Datasheet HTML 8Page - Sanyo Semicon Device STK672-540 Datasheet HTML 9Page - Sanyo Semicon Device STK672-540 Datasheet HTML 10Page - Sanyo Semicon Device STK672-540 Datasheet HTML 11Page - Sanyo Semicon Device STK672-540 Datasheet HTML 12Page - Sanyo Semicon Device STK672-540 Datasheet HTML 13Page - Sanyo Semicon Device STK672-540 Datasheet HTML 14Page - Sanyo Semicon Device STK672-540 Datasheet HTML 15Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
STK672-540
No. A0754-11/22
Usage Notes
1. STK672-530 and STK672-540 input signal functions and timing
(All inputs have no internal pull-up resistor.)
[RESETB and CLOCK (Input signal timing when power is first applied)]
As shown in the timing chart, a RESETB signal input is required by the driver to operate with the timing in which the
F1 gate is turned on first. The RESETB signal timing must be set up to have a width of at least 10
μs, as shown below.
The capacitor CO2, and the resistors RO3 and RO4 in the application circuit form simple reset circuit that uses the
RC time constant rising time. However, when designing the RESETB input based on VIH levels, the application
must have the timing shown in figure.
Figure 1 RESETB and CLOCK Signals Input Timing
[CLOCK (Phase switching clock)]
• Input frequency: DC to 50kHz
• Minimum pulse width: 10μs
• Signals are read on the rising edge.
[CWB (Motor direction setting)]
The direction of rotation is switched by setting CWB to 1 (high) or 0 (low).
See the timing charts for details on the operation of the outputs.
Note: The state of the CWB input must not be changed during the 6.25
μs period before and after the rising edge of
the CLOCK input.
[ENABLE (Controls forced OFF for A, AB, B, and selects BB and selects operation/hold mode of the hybrid IC)]
ENABLE=1: Normal operation
ENABLE=0: Outputs A, AB, B, and BB forced to the off state.
If, during the state where CLOCK signal input is provided, the ENABLE pin is set to 0 and then is later
restored to the 1 state, the IC will resume operation with the excitation timing continued from before
the point ENABLE was set to 0.
Enable must be initially set high for input as shown in the timing chart.
[MODE (Excitation mode selection)]
MODE=0: 2-phase excitation
MODE=1: 1-2 phase excitation
See the timing charts for details on output operation in these modes.
Note: The state of the MODE input must not be changed during the 5
μs period before and after the rising edge of the
CLOCK input.
Rise of the 5V supply
voltage
RESETB signal input
CLOCK signal
At least
10
μs
At least
5
μs


Numéro de pièce similaire - STK672-540

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STK672-540 ONSEMI-STK672-540 Datasheet
141Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
More results

Description similaire - STK672-540

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com