Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN4146ESX Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FAN4146ESX
Description  Ground Fault Interrupter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4146ESX Fiches technique(HTML) 7 Page - Fairchild Semiconductor

Back Button FAN4146ESX Datasheet HTML 2Page - Fairchild Semiconductor FAN4146ESX Datasheet HTML 3Page - Fairchild Semiconductor FAN4146ESX Datasheet HTML 4Page - Fairchild Semiconductor FAN4146ESX Datasheet HTML 5Page - Fairchild Semiconductor FAN4146ESX Datasheet HTML 6Page - Fairchild Semiconductor FAN4146ESX Datasheet HTML 7Page - Fairchild Semiconductor FAN4146ESX Datasheet HTML 8Page - Fairchild Semiconductor FAN4146ESX Datasheet HTML 9Page - Fairchild Semiconductor FAN4146ESX Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 10 page
background image
© 2010Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4146 • Rev. 1.0.0
7
Typical Performance Characteristics (Continued)
Unless otherwise specified, TA=25°C and according to Figure 1 with SCR disconnected.
1ms after AmpOut signal reaches 9.5V, SCR is triggered.
Ch1: VLine (Pin 3), 10V/Div
Ch1: VLine (Pin 3), 10V/Div
Ch2: AmpOut (Pin 6), 5V/Div
Ch2: AmpOut (Pin 6), 5V/Div
Ch3: SCR (Pin 1), 1V/Div
Ch3: SCR (Pin 1), 2V/Div
Ch4: IFAULT, 10mA/Div
Ch4: IFAULT, 10mA/Div
Figure 9.
AmpOut Threshold, Internal 1ms Delay
Figure 10.
15K
Ω Ground Fault
Ch1: VLine (Pin 3), 10V/Div
Ch2: AmpOut (Pin 6), 5V/Div
Ch3: SCR (Pin 1), 2V/Div
Ch4: IFAULT, 500mA/Div
Figure 11.
500
Ω Ground Fault(6, 7)
Note:
6.
Maximum trip time ~12ms.
7.
Fault occurs at the end of the positive AC cycle.
1ms


Numéro de pièce similaire - FAN4146ESX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FAN4146ESX ONSEMI-FAN4146ESX Datasheet
801Kb / 12P
   Ground Fault Interrupter
February 2014 Rev. 1.0.1
More results

Description similaire - FAN4146ESX

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
LM1851 TI1-LM1851 Datasheet
208Kb / 10P
[Old version datasheet]   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN1851A FAIRCHILD-FAN1851A Datasheet
122Kb / 11P
   Ground Fault Interrupter
logo
National Semiconductor ...
LM1851 NSC-LM1851 Datasheet
165Kb / 8P
   Ground Fault Interrupter
logo
Unisonic Technologies
GM1851 UTC-GM1851 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
ON Semiconductor
FAN4147 ONSEMI-FAN4147 Datasheet
418Kb / 11P
   Ground Fault Interrupter
March 2013 Rev. 1.0.1
FAN4149 ONSEMI-FAN4149 Datasheet
380Kb / 12P
   Ground Fault Interrupter
July 2014 Rev. 1.0.0
logo
Unisonic Technologies
GM1851 UTC-GM1851_15 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
Fairchild Semiconductor
FAN4147SX FAIRCHILD-FAN4147SX Datasheet
559Kb / 10P
   Ground Fault Interrupter
logo
ON Semiconductor
NCS37005MNG ONSEMI-NCS37005MNG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
FAN4146 ONSEMI-FAN4146 Datasheet
801Kb / 12P
   Ground Fault Interrupter
February 2014 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com