Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2110EMPX Fiches technique(PDF) 10 Page - Fairchild Semiconductor

No de pièce FAN2110EMPX
Description  TinyBuck?? 3-24 V Input, 10 A, High- Efficiency, Integrated Synchronous Buck Regulator
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2110EMPX Fiches technique(HTML) 10 Page - Fairchild Semiconductor

Back Button FAN2110EMPX_12 Datasheet HTML 6Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 7Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 8Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 9Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 10Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 11Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 12Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 13Page - Fairchild Semiconductor FAN2110EMPX_12 Datasheet HTML 14Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2110 • Rev. 1.0.4
10
Typical Performance Characteristics (Continued)
Typical operating characteristics using the circuit in Figure 10. VIN=12 V, VCC=5 V, TA=25°C unless otherwise specified.
Peak HS & LS Mosfet Tempr for 1.5V Output
(Measured on Demo Board)
0
10
20
30
40
50
60
70
80
12
34
56
7
8
9
10
Load Current (A)
VIN=10V_HS
VIN=10V_LS
VIN=20V_HS
VIN=20V_LS
Package Power Dissipation at various Vout(s)
Fsw = 500Khz
0
0.5
1
1.5
2
2.5
3
024
6
8
10
Load Current (Amps)
Vout = 1.5V
Vout = 1.8V
Vout = 3.3V
Figure 18. Peak MOSFET Temperatures, Figure 10
Figure 19.
Device Dissipation Over VOUT vs. Load
Line Regulation Data
-0.04
-0.03
-0.02
-0.01
0
0.01
0.02
510
15
20
25
Input Voltage (Volts)
No Load
1A Load
Load Regulation
-0.25
-0.2
-0.15
-0.1
-0.05
0
0.05
02
4
6
8
10
Load Current (Amps)
VIN=10V
VIN=20V
Figure 20. 1.5 VOUT Line Regulation
Figure 21.
1.5 VOUT Load Regulation
Peak HS & LS Mosfet Tempr for 3.3V Output
(Measured on Demo Board)
0
20
40
60
80
100
12
34
56
7
8
9
10
Load Current (Amps)
VIN=10V_HS
VIN=10V_LS
VIN=20V_HS
VIN=20V_LS
Safe Operating Area curves for 70 Deg Temperature rise
VIN = 20V, Natural Convection
0
2
4
6
8
10
12
024
68
10
12
14
Output Voltage (Volts)
300K
500K
600K
Figure 22. Peak MOSFET Temperatures, 3.3 V Output
(5)
Figure 23.
Typical 20 VIN Safe Operation Area
(SOA), 70
°C Ambient Temperature, Natural Convection
Note:
5.
Circuit values for this configuration change in Figure 10.


Numéro de pièce similaire - FAN2110EMPX_12

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2110EMPX FAIRCHILD-FAN2110EMPX Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
More results

Description similaire - FAN2110EMPX_12

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2106 FAIRCHILD-FAN2106_12 Datasheet
811Kb / 15P
   TinyBuck??3-24 V Input, 6 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108_12 Datasheet
759Kb / 14P
   TinyBuck??3-24 V Input, 8 A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN21SV04 FAIRCHILD-FAN21SV04_12 Datasheet
863Kb / 18P
   TinyBuck??4 A, 24 V Single-Input Integrated Synchronous Buck Regulator
FAN2108 FAIRCHILD-FAN2108 Datasheet
509Kb / 14P
   TinyBuck??3-24V Input, 8A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2110 FAIRCHILD-FAN2110 Datasheet
1Mb / 17P
   TinyBuck?? 3-24V Input, 10A, High-Efficiency, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_12 Datasheet
1Mb / 14P
   3 A, 24 V Input, Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106 Datasheet
437Kb / 14P
   TinyBuck 6A, 24V Input Integrated Synchronous Buck Regulator
FAN2106 FAIRCHILD-FAN2106_08 Datasheet
770Kb / 14P
   TinyBuck?? 6A, 24V Input, Integrated Synchronous Buck Regulator
FAN2103 FAIRCHILD-FAN2103_08 Datasheet
964Kb / 14P
   TinyBuck??3A, 24V Input, Integrated Synchronous Buck Regulator
FAN2315MPX FAIRCHILD-FAN2315MPX Datasheet
1Mb / 19P
   FAN2315 TinyBuck 15 A Integrated Synchronous Buck Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com