Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FAN2013BMPX Fiches technique(PDF) 3 Page - Fairchild Semiconductor

No de pièce FAN2013BMPX
Description  2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN2013BMPX Fiches technique(HTML) 3 Page - Fairchild Semiconductor

  FAN2013BMPX Datasheet HTML 1Page - Fairchild Semiconductor FAN2013BMPX Datasheet HTML 2Page - Fairchild Semiconductor FAN2013BMPX Datasheet HTML 3Page - Fairchild Semiconductor FAN2013BMPX Datasheet HTML 4Page - Fairchild Semiconductor FAN2013BMPX Datasheet HTML 5Page - Fairchild Semiconductor FAN2013BMPX Datasheet HTML 6Page - Fairchild Semiconductor FAN2013BMPX Datasheet HTML 7Page - Fairchild Semiconductor FAN2013BMPX Datasheet HTML 8Page - Fairchild Semiconductor FAN2013BMPX Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN2013B • Rev. 1.0.2
3
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device
reliability. The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VIN
Supply Voltage
-0.3
7.0
V
Input Voltage on PVIN and Any Other Pin
-0.3
VIN
V
θJC
Thermal Resistance, Junction-to-Tab
(1)
8
°C/W
TL
Lead Soldering Temperature (10 Seconds)
+260
°C
TSTG
Storage Temperature
-65
+150
°C
TJ
Junction Temperature
-40
+150
°C
ESD
Electrostatic Discharge Protection
Level
(2)
Human Body Model,
JESD22-A114
3.5
kV
Charged Device Model,
JESD22-C101
2.0
Notes:
1.
Junction-to-ambient thermal resistance,
θJA, is a strong function of PCB material, board thickness, thickness and
number of copper planes, number of via used, diameter of via used, available copper surface, and attached heat
sink characteristics.
2.
Using Mil Std. 883E, method 3015.7 (Human Body Model) and EIA/JESD22C101-A (Charged Device Model).
Recommended Operating Conditions
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbols
Parameter
Min.
Typ.
Max.
Unit
VIN
Supply Voltage Range
4.5
5.5
V
VOUT
Output Voltage Range, Adjustable Version
0.8
2.5
V
IOUT
Output Current
2.0
A
L
Inductor
(3)
2.2
µH
CIN
Input Capacitor
(3)
10
20
µF
COUT
Output Capacitor
(3)
20
40
µF
TA
Operating Ambient Temperature Range
-40
+85
°C
Note:
3.
Refer to the Applications section for details
.


Numéro de pièce similaire - FAN2013BMPX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013MPX FAIRCHILD-FAN2013MPX Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013MPX FAIRCHILD-FAN2013MPX Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
More results

Description similaire - FAN2013BMPX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FAN2013 FAIRCHILD-FAN2013 Datasheet
549Kb / 9P
   2A Low-Voltage Current-Mode Synchronous PWM Buck Regulator
FAN2013 FAIRCHILD-FAN2013_08 Datasheet
884Kb / 9P
   2A Low-Voltage, Current-Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011 Datasheet
240Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011EMPX FAIRCHILD-FAN2011EMPX Datasheet
622Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
FAN2011 FAIRCHILD-FAN2011_06 Datasheet
617Kb / 10P
   1.5A Low Voltage Current Mode Synchronous PWM Buck Regulator
logo
ON Semiconductor
FAN65005A ONSEMI-FAN65005A Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
FAN65008B ONSEMI-FAN65008B Datasheet
1Mb / 26P
   Voltage Mode Synchronous PWM Buck Regulator
January, 2018 ??Rev. 1
logo
Micrel Semiconductor
MIC25400 MICREL-MIC25400 Datasheet
731Kb / 27P
   2A Dual Output PWM Synchronous Buck Regulator IC
logo
Renesas Technology Corp
ISL8500 RENESAS-ISL8500 Datasheet
1,001Kb / 15P
   2A Standard Buck PWM Regulator
logo
Intersil Corporation
ISL8500 INTERSIL-ISL8500 Datasheet
675Kb / 15P
   2A Standard Buck PWM Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com