Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK672-533-E Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce STK672-533-E
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-533-E Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  STK672-533-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-533-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-533-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-533-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-533-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-533-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-533-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-533-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-533-E Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 22 page
background image
STK672-533-E
No. A2112-2/22
Specifications
Absolute Maximum Ratings at Tc = 25
°C
Parameter
Symbol
Conditions
Ratings
unit
Maximum supply voltage 1
VCC max
No signal
52
V
Maximum supply voltage 2
VDD max
No signal
-0.3 to +7.0
V
Input voltage
VIN max
Logic input pins
-0.3 to +7.0
V
Output current 1
IOP max
10
μA 1 pulse (resistance load)
5
A
Output current 2
IOH max
VDD=5V, CLOCK≥200Hz
2.65
A
Allowable power dissipation
Pd max
With an arbitrarily large heat sink. Per MOSFET
10.2
W
Operating substrate temperature
Tc max
105
°C
Junction temperature
Tj max
150
°C
Storage temperature
Tstg
-40 to +125
°C
Allowable Operating Ranges at Ta=25
°C
Parameter
Symbol
Conditions
Ratings
unit
Operating supply voltage 1
VCC
With signals applied
10 to 42
V
Operating supply voltage 2
VDD
With signals applied
5
±5%
V
Input high voltage
VIH
Pins 8, 9, 10, 11, 12
2.5 to VDD
V
Input low voltage
VIL
Pins 8, 9, 10, 11, 12
0 to 0.6
V
Output current 1
IOH1
Tc=105
°C, CLOCK≥200Hz,
Continuous operation, duty=100%
2.0
A
Output current 2
IOH2
Tc=80
°C, CLOCK≥200Hz,
Continuous operation, duty=100%,
See the motor current (IOH) derating curve
2.2
A
CLOCK frequency
fCL
Minimum pulse width: at least 10
μs
0 to 50
kHz
Phase driver withstand voltage
VDSS
ID=1mA (Tc=25°C)
100min
V
Recommended operating
substrate temperature
Tc
No condensation
0 to 105
°C
Recommended Vref range
Vref
Tc=105
°C
0.14 to 1.62
V
Input rise and fall slew rate
tr/tf
2.6max
V
Electrical Characteristics at Tc=25
°C, VCC=24V, VDD=5.0V
Parameter
Symbol
Conditions
min
typ
max
unit
VDD supply current
ICCO
Pin 6 current CLOCK=GND
3.1
7
mA
Output average current
Ioave
R/L=3
Ω/3.8mH in each phase
0.324
0.36
0.396
A
FET diode forward voltage
Vdf
If=1A (RL=23Ω)
1.0
1.6
V
Output saturation voltage
Vsat
RL=23Ω
0.45
0.64
V
Input high voltage
VIH
Pins 8, 9, 10, 11, 12
2.5
V
Input low voltage
VIL
Pins 8, 9, 10, 11, 12
0.6
V
Input leak current
IIL
Pins 8, 9, 10, 11, 12=GND and 5V
±10
μA
Vref input bias current
IIB
Pin 7 =1.0V
204
216
μA
PWM frequency
fc
35
45
55
kHz
Notes: A fixed-voltage power supply must be used.


Numéro de pièce similaire - STK672-533-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STK672-533-E ONSEMI-STK672-533-E Datasheet
130Kb / 22P
   2-phase Stepping Motor Driver
June, 2013
More results

Description similaire - STK672-533-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com