Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

BC846CMTF Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce BC846CMTF
Description  NPN Epitaxial Silicon Transistor
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

BC846CMTF Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  BC846CMTF_11 Datasheet HTML 1Page - Fairchild Semiconductor BC846CMTF_11 Datasheet HTML 2Page - Fairchild Semiconductor BC846CMTF_11 Datasheet HTML 3Page - Fairchild Semiconductor BC846CMTF_11 Datasheet HTML 4Page - Fairchild Semiconductor BC846CMTF_11 Datasheet HTML 5Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
BC846 - BC850 Rev. B1
1
April 2011
BC846 - BC850
NPN Epitaxial Silicon Transistor
Features
• Switching and Amplifier Applications
• Suitable for automatic insertion in thick and thin-film circuits
• Low Noise: BC849, BC850
Complement to BC856 ... BC860
Absolute Maximum Ratings* T
a = 25°C unless otherwise noted
* These ratings are limiting values above which the serviceability of any semiconductor device may be impaired.
Electrical Characteristics* T
a = 25°C unless otherwise noted
* Pulse Test: Pulse Width
≤300μs, Duty Cycle≤2%
Symbol
Parameter
Value
Units
VCBO
Collector-Base Voltage
: BC846
: BC847/850
: BC848/849
80
50
30
V
V
V
VCEO
Collector-Emitter Voltage : BC846
: BC847/850
: BC848/849
65
45
30
V
V
V
VEBO
Emitter-Base Voltage
: BC846/847
: BC848/849/850
6
5
V
V
IC
Collector Current (DC)
100
mA
PC
Collector Power Dissipation
310
mW
TJ
Junction Temperature
150
°C
TSTG
Storage Temperature
-65 to 150
°C
Symbol
Parameter
Test Condition
Min.
Typ.
Max.
Units
ICBO
Collector Cut-off Current
VCB=30V, IE=0
15
nA
hFE
DC Current Gain
VCE=5V, IC=2mA
110
800
VCE (sat) Collector-Emitter Saturation Voltage IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
90
200
250
600
mV
mV
VBE (sat) Collector-Base Saturation Voltage
IC=10mA, IB=0.5mA
IC=100mA, IB=5mA
700
900
mV
mV
VBE (on) Base-Emitter On Voltage
VCE=5V, IC=2mA
VCE=5V, IC=10mA
580
660
700
720
mV
mV
fT
Current Gain Bandwidth Product
VCE=5V, IC=10mA, f=100MHz
300
MHz
Cob
Output Capacitance
VCB=10V, IE=0, f=1MHz
3.5
6
pF
Cib
Input Capacitance
VEB=0.5V, IC=0, f=1MHz
9
pF
NF
Noise Figure
: BC846/847/848
: BC849/850
VCE= 5V, IC= 200μA
RG=2KΩ, f=1KHz
2
1.2
10
4
dB
dB
: BC849
: BC850
VCE= 5V, IC= 200μA
RG=2KΩ, f=30~15000Hz
1.4
1.4
4
3
dB
dB
1. Base 2. Emitter 3. Collector
SOT-23
1
2
3


Numéro de pièce similaire - BC846CMTF_11

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
BC846CMTF FAIRCHILD-BC846CMTF Datasheet
149Kb / 5P
   NPN Epitaxial Silicon Transistor
More results

Description similaire - BC846CMTF_11

FabricantNo de pièceFiches techniqueDescription
logo
Samsung semiconductor
MMBC1623L6 SAMSUNG-MMBC1623L6 Datasheet
29Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
FJY3008R FAIRCHILD-FJY3008R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
FJY3015R FAIRCHILD-FJY3015R Datasheet
290Kb / 4P
   NPN Epitaxial Silicon Transistor
BC817 FAIRCHILD-BC817_06 Datasheet
162Kb / 5P
   NPN Epitaxial Silicon Transistor
FJY3003R FAIRCHILD-FJY3003R Datasheet
291Kb / 4P
   NPN Epitaxial Silicon Transistor
logo
List of Unclassifed Man...
PJD882 ETC-PJD882 Datasheet
184Kb / 3P
   NPN Epitaxial Silicon Transistor
logo
Continental Device Indi...
CSC2120 CDIL-CSC2120 Datasheet
87Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CD9581 CDIL-CD9581 Datasheet
113Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
CSD545 CDIL-CSD545 Datasheet
182Kb / 3P
   NPN SILICON EPITAXIAL TRANSISTOR
logo
Samsung semiconductor
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
   NPN EPITAXIAL SILICON TRANSISTOR
logo
Seme LAB
2N5014 SEME-LAB-2N5014 Datasheet
15Kb / 1P
   SILICON EPITAXIAL NPN TRANSISTOR
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com