Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK672-532 Fiches technique(PDF) 5 Page - Sanyo Semicon Device

No de pièce STK672-532
Description  Thick-Film Hybrid IC 2-phase Stepping Motor Driver
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-532 Fiches technique(HTML) 5 Page - Sanyo Semicon Device

  STK672-532 Datasheet HTML 1Page - Sanyo Semicon Device STK672-532 Datasheet HTML 2Page - Sanyo Semicon Device STK672-532 Datasheet HTML 3Page - Sanyo Semicon Device STK672-532 Datasheet HTML 4Page - Sanyo Semicon Device STK672-532 Datasheet HTML 5Page - Sanyo Semicon Device STK672-532 Datasheet HTML 6Page - Sanyo Semicon Device STK672-532 Datasheet HTML 7Page - Sanyo Semicon Device STK672-532 Datasheet HTML 8Page - Sanyo Semicon Device STK672-532 Datasheet HTML 9Page - Sanyo Semicon Device Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 23 page
background image
STK672-532
No. A2111-5/23
Precautions
[GND wiring]
• To reduce noise on the 5V system, be sure to place the GND of C01 in the circuit given above as close as possible to
Pin 1 of the hybrid IC. Also, the GND side of RO2 must be directly wired from P.GND terminal Pin 1 in order to
accurately set the current.
[Input pins]
• Insert resistor RO3 (47 to 100Ω) so that the discharge energy from capacitor CO2 is not directly applied to the CMOS
IC in this hybrid device. If the diode D1 has Vf characteristics with Vf less than or equal to 0.6V (when If = 0.1A),
this will be smaller than the CMOS IC input pin diode Vf. If this is the case RO3 may be replaced with a short without
problem.
• Apply 2.5V High level input to pins 8, 9, 10, 11, and 12.
• If VDD is being applied, use care that each input pin does not apply a negative voltage less than -0.3V to P.GND,
Pin 1, and do not apply a voltage greater than or equal to VDD voltage.
• Since the input pins do not have built-in pull-up resistors, when the open-collector type pins 8, 9, 10, 11, and 12 are
used as inputs, a 10 to 47k
Ω pull-up resistor (to VDD) must be used.
At this time, use a device for the open collector driver that has output current specifications that pull the voltage down
to less than 0.6V at Low level.
• To prevent incorrect operation due to chopping noise, insert 1000pF capacitors between each of the input pins (pins 8,
9, 10, 11 and 12) and pin 1. These capacitors must be mounted as close as possible to the hybrid IC.
Inputs that will be held fixed at the low level should be connected directly to pin 1.
Inputs that will be held fixed at the high level should be connected directly to the 5V power supply line.
[Current setting Vref]
• In consideration of the specifications of the Vref input bias current, IIB, a resistance from several kΩ to 100kΩ is
recommended for RO1.
• If the motor current is temporarily reduced, the circuit given below (STK672-532: IOH>0.17A) is recommended.
• Although the driver is equipped with a fixed current control function, it is not equipped with an overcurrent protection
function to ensure that the current does not exceed the maximum output current, IOH max. If Vref is mistakenly set to
a voltage that exceeds IOH max, the driver will be damaged by overcurrent.
5V
RO1
RO2
R3
5V
RO1
RO2
R3
Vref
Vref


Numéro de pièce similaire - STK672-532

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STK672-532 ONSEMI-STK672-532 Datasheet
144Kb / 23P
   2-phase Stepping Motor Driver
June, 2013
More results

Description similaire - STK672-532

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-442B-E SANYO-STK672-442B-E Datasheet
253Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-540 SANYO-STK672-540 Datasheet
157Kb / 22P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-610 SANYO-STK672-610 Datasheet
158Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-640C-E SANYO-STK672-640C-E Datasheet
248Kb / 27P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-440B-E SANYO-STK672-440B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-730A-E SANYO-STK672-730A-E Datasheet
141Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432A-E SANYO-STK672-432A-E Datasheet
135Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-732A-E SANYO-STK672-732A-E Datasheet
129Kb / 19P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-630C-E SANYO-STK672-630C-E Datasheet
246Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
STK672-432B-E SANYO-STK672-432B-E Datasheet
252Kb / 26P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com