Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STK672-110-E Fiches technique(PDF) 2 Page - Sanyo Semicon Device

No de pièce STK672-110-E
Description  Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 1.8A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SANYO [Sanyo Semicon Device]
Site Internet  https://www.sanyo-av.com/us/
Logo SANYO - Sanyo Semicon Device

STK672-110-E Fiches technique(HTML) 2 Page - Sanyo Semicon Device

  STK672-110-E Datasheet HTML 1Page - Sanyo Semicon Device STK672-110-E Datasheet HTML 2Page - Sanyo Semicon Device STK672-110-E Datasheet HTML 3Page - Sanyo Semicon Device STK672-110-E Datasheet HTML 4Page - Sanyo Semicon Device STK672-110-E Datasheet HTML 5Page - Sanyo Semicon Device STK672-110-E Datasheet HTML 6Page - Sanyo Semicon Device STK672-110-E Datasheet HTML 7Page - Sanyo Semicon Device STK672-110-E Datasheet HTML 8Page - Sanyo Semicon Device STK672-110-E Datasheet HTML 9Page - Sanyo Semicon Device  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
STK672-110-E
No.6041-2/9
Specifications
Maximum Ratings at Tc = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage 1
VCC max
No signal
52
V
Maximum supply voltage 2
VDD max
No signal
-0.3 to +7.0
V
Input voltage
VIN max
Logic input pins
-0.3 to +7.0
V
Output current
IOH max
VDD = 5V, CLOCK ≥ 200Hz
2.65
A
Repeated avalanche capacity
Ear max
28
mJ
Allowable power dissipation
Pd max
With an arbitrarily large heat sink. Per MOSFET
6.5
W
Operating substrate temperature
Tc max
105
°C
Junction temperature
Tj max
150
°C
Storage temperature
Tstg
-40 to +125
°C
Allowable Operating Ranges at Ta = 25
°C
Parameter
Symbol
Conditions
Ratings
Unit
Maximum supply voltage 1
VCC
With signals applied
10 to 42
V
Maximum supply voltage 2
VDD
With signals applied
5.0 ± 5%
V
Input voltage
VIH
0 to VDD
V
Output current 1
IOH1
Tc = 105°C, CLOCK
≥ 200Hz
1.8
A
Output current 2
IOH2
Tc = 80°C, CLOCK
≥ 200Hz
See the motor curren (IOH) derating curve
2.1
A
Clock frequency
fCL
Minimum pulse width: 20
μs
0 to 25
kHz
Phase driver withstand voltage
VDSS
ID = 1mA (Tc = 25°C)
100 min
V
Electrical Characteristics at Tc = 25
°C, VCC = 24V, VDD = 5V
Rating
Parameters
Symbols
Conditions
min
typ
max
unit
VDD supply current
ICCO
CLOCK = GND
2.6
6
mA
Output average current
Ioave
With R/L = 3
Ω/3.8mH in each phase
Vref = 0.176V
0.41
0.45
0.50
A
FET diode forward voltage
Vdf
If = 1A (RL = 23Ω)
1.2
1.8
V
Output saturation voltage
Vsat
RL = 23Ω
0.73
1.02
V
High-level input voltage
VIH
Pins 6 to 9 (4 pins)
4.0
V
Low-level input voltage
VIL
Pins 6 to 9 (4 pins)
1.0
V
Input current
IIL
With pins 6 to 9 at the ground level.
Pull-up resistance: 40k
Ω (typical)
62
125
250
μA
Vref input voltage
VrH
Pin 12
0
3.5
V
Vref input bias current
IIB
With pin 12 at 1V
50
500
nA
Note: A fixed-voltage power supply must be used.
Package Dimensions
unit:mm (typ)
4168
1
12
11 2=22
0.5
2.0
32.5
8.5
0.4
2.9


Numéro de pièce similaire - STK672-110-E

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
STK672-110-E ONSEMI-STK672-110-E Datasheet
84Kb / 9P
   Two-Phase Stepping Motor Driver
June, 2013
More results

Description similaire - STK672-110-E

FabricantNo de pièceFiches techniqueDescription
logo
Sanyo Semicon Device
STK672-120-E SANYO-STK672-120-E Datasheet
81Kb / 9P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (Self-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.4A
STK672-340-E SANYO-STK672-340-E Datasheet
116Kb / 13P
   Thick-Film Hybrid IC Unipolar Fixed-Current Chopper (External-Excited PWM) Scheme and Built-in Phase Signal Distribution IC Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current 2.2A
STK672-210-E SANYO-STK672-210-E Datasheet
96Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 1.4A
STK672-220-E SANYO-STK672-220-E Datasheet
97Kb / 10P
   Thick-Film Hybrid IC Unipolar Constant-Current Chopper Two-Phase Stepping Motor Driver Output Current 2.8A
STK672-120 SANYO-STK672-120 Datasheet
141Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 2.4 A
STK672-110 SANYO-STK672-110 Datasheet
134Kb / 9P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-330 SANYO-STK672-330 Datasheet
90Kb / 11P
   Two-Phase Stepping Motor Driver (Square Wave Drive) Output Current: 1.8 A
STK672-040-E SANYO-STK672-040-E Datasheet
208Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.5A (no heat sink*)
STK672-060-E SANYO-STK672-060-E Datasheet
200Kb / 19P
   Thick-Film Hybrid IC Unipolar Constant-current Chopper (external excitation PWM) Circuit with Built-in Microstepping Controller Stepping Motor Driver (sine wave drive) Output Current 1.2A (no heat sink*)
STK672-630A-E SANYO-STK672-630A-E Datasheet
149Kb / 21P
   Thick-Film Hybrid IC 2-phase Stepping Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com