Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LVX74SJ Fiches technique(PDF) 5 Page - Fairchild Semiconductor

No de pièce 74LVX74SJ
Description  Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LVX74SJ Fiches technique(HTML) 5 Page - Fairchild Semiconductor

  74LVX74SJ_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LVX74SJ_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LVX74SJ_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LVX74SJ_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LVX74SJ_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LVX74SJ_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LVX74SJ_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LVX74SJ_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LVX74SJ_08 Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
©1993 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LVX74 Rev. 1.4.0
5
AC Electrical Characteristics
Note:
3. Parameter guaranteed by design tOSLH = |tPLHm–tPLHn|, tOSHL = |tPHLm–tPHLn|
Capacitance
Note:
4. CPD is defined as the value of the internal equivalent capacitance which is calculated from the operating current
consumption without load.
Average operating current can be obtained by the eqation: ICC(opr.) =
Symbol
Parameter
VCC (V)
CL (pF)
TA = +25°C
TA = –40°C to
+85°C
Units
Min.
Typ.
Max.
Min.
Max.
tPLH, tPHL
Propagation Delay,
CPn to Qn or Qn
2.7
15
7.3
15
1.0
18.5
ns
50
9.8
18.5
1.0
22
3.3 ± 0.3
15
5.7
9.7
1.0
11.5
50
8.2
13.2
1.0
15
tPLH, tPHL
Propagation Delay,
CDn to SDn to Qn or Qn
2.7
15
8.4
15.6
1.0
18.5
ns
50
10.9
19.1
1.0
22
3.3 ± 0.3
15
6.6
10.1
1.0
12
50
9.1
13.6
1.0
15.5
tW
CPn or CDn or SDn Pulse
Width
2.7
8.5
10
ns
3.3 ± 0.3
6
7
tS
Setup Time, Dn to CPn
2.7
8.0
9.5
ns
3.3 ± 0.3
5.5
6.5
tH
Hold Time, Dn to CPn
2.7
0.5
0.5
ns
3.3 ± 0.3
0.5
0.5
tREC
Recovery Time,
CPn or SDn to CPn
2.7
6.5
7.5
ns
3.3 ± 0.3
5.0
5.0
fMAX
Maximum Clock
Frequency
2.7
15
55
135
50
MHz
50
45
60
40
3.3 ± 0.3
15
95
145
80
50
60
85
50
tOSLH, tOSHL Output to Output Skew
(3)
2.7
50
1.5
1.5
ns
3.3
1.5
1.5
Symbol
Parameter
TA = +25°C
TA = –40°C to
+85°C
Units
Min.
Typ.
Max.
Min.
Max.
CIN
Input Capacitance
4
10
10
pF
CPD
Power Dissipation Capacitance(4)
25
pF
C
PD
V
CC
f
IN
I
CC
×
×
×
2 per F F
,
()
---------------------------------------------------------


Numéro de pièce similaire - 74LVX74SJ_08

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVX74SJ FAIRCHILD-74LVX74SJ Datasheet
70Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74SJ FAIRCHILD-74LVX74SJ Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
logo
ON Semiconductor
74LVX74SJ ONSEMI-74LVX74SJ Datasheet
235Kb / 9P
   Low Voltage Dual D-Type Positive Edge-Triggerednull Flip-Flop
February 2008 Rev. 1.4.0
More results

Description similaire - 74LVX74SJ_08

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LVX74 FAIRCHILD-74LVX74 Datasheet
93Kb / 7P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVQ74 FAIRCHILD-74LVQ74 Datasheet
86Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVX74 FAIRCHILD-74LVX74 Datasheet
70Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LVQ74 FAIRCHILD-74LVQ74_01 Datasheet
78Kb / 6P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74LCX74MX FAIRCHILD-74LCX74MX Datasheet
824Kb / 14P
   Low Voltage Dual D-Type Positive Edge-Triggered Flip-Flop
74AC74 FAIRCHILD-74AC74 Datasheet
104Kb / 9P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
National Semiconductor ...
54AC74 NSC-54AC74 Datasheet
180Kb / 8P
   Dual D-Type Positive Edge-Triggered Flip-Flop
logo
Texas Instruments
SN74AUC2G79 TI-SN74AUC2G79 Datasheet
278Kb / 12P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74AUC2G80 TI1-SN74AUC2G80_16 Datasheet
851Kb / 15P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
SN74LVC2G80 TI-SN74LVC2G80_08 Datasheet
459Kb / 14P
[Old version datasheet]   DUAL POSITIVE-EDGE-TRIGGERED D-TYPE FLIP-FLOP
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com