Moteur de recherche de fiches techniques de composants électroniques |
|
74LVT2244SJ Fiches technique(PDF) 3 Page - Fairchild Semiconductor |
|
74LVT2244SJ Fiches technique(HTML) 3 Page - Fairchild Semiconductor |
3 / 9 page ©1999 Fairchild Semiconductor Corporation www.fairchildsemi.com 74LVT2244, 74LVTH2244 Rev. 1.5.0 3 Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Note: 1. IO Absolute Maximum Rating must be observed. Recommended Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to absolute maximum ratings. Symbol Parameter Rating VCC Supply Voltage –0.5V to +4.6V VI DC Input Voltage –0.5V to +7.0V VO DC Output Voltage Output in 3-STATE –0.5V to +7.0V Output in HIGH or LOW State(1) –0.5V to +7.0V IIK DC Input Diode Current, VI < GND –50mA IOK DC Output Diode Current, VO < GND –50mA IO DC Output Current, VO > VCC Output at HIGH State 64mA Output at LOW State 128mA ICC DC Supply Current per Supply Pin ±64mA IGND DC Ground Current per Ground Pin ±128mA TSTG Storage Temperature –65°C to +150°C Symbol Parameter Min. Max. Units VCC Supply Voltage 2.7 3.6 V VI Input Voltage 0 5.5 V IOH HIGH-Level Output Current –12 mA IOL LOW-Level Output Current 12 mA TA Free-Air Operating Temperature –40 85 °C ∆t / ∆V Input Edge Rate, VIN = 0.8V–2.0V, VCC = 3.0V 0 10 ns/V |
Numéro de pièce similaire - 74LVT2244SJ_08 |
|
Description similaire - 74LVT2244SJ_08 |