Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74LCX240SJ Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce 74LCX240SJ
Description  Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74LCX240SJ Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  74LCX240SJ_08 Datasheet HTML 1Page - Fairchild Semiconductor 74LCX240SJ_08 Datasheet HTML 2Page - Fairchild Semiconductor 74LCX240SJ_08 Datasheet HTML 3Page - Fairchild Semiconductor 74LCX240SJ_08 Datasheet HTML 4Page - Fairchild Semiconductor 74LCX240SJ_08 Datasheet HTML 5Page - Fairchild Semiconductor 74LCX240SJ_08 Datasheet HTML 6Page - Fairchild Semiconductor 74LCX240SJ_08 Datasheet HTML 7Page - Fairchild Semiconductor 74LCX240SJ_08 Datasheet HTML 8Page - Fairchild Semiconductor 74LCX240SJ_08 Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
©1994 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74LCX240 Rev. 1.6.0
January 2008
74LCX240
Low Voltage Octal Buffer/Line Driver with 5V Tolerant
Inputs and Outputs
Features
5V tolerant inputs and outputs
2.3V–3.6V VCC specifications provided
6.5ns tPD max. (VCC = 3.3V), 10µA ICC max.
Power-down high impedance inputs and outputs
Supports live insertion/withdrawal(1)
±24mA output drive (VCC = 3.0V)
Latch-up performance exceeds 500mA
ESD performance:
– Human body model
> 2000V
– Machine model
> 200V
Note:
1. To ensure the high-impedance state during power up
or down, OE should be tied to VCC through a pull-up
resistor: the minimum value or the resistor is
determined by the current-sourcing capability of the
driver.
General Description
The LCX240 is an inverting octal buffer and line driver
designed to be employed as a memory address driver,
clock driver and bus oriented transmitter or receiver. The
device is designed for low voltage (2.5V or 3.3V) VCC
applications with capability of interfacing to a 5V signal
environment.
The LCX240 is fabricated with an advanced CMOS tech-
nology to achieve high speed operation while maintain-
ing CMOS low power dissipation.
Ordering Information
Device also available in Tape and Reel. Specify by appending suffix letter “X” to the ordering number.
All packages are lead free per JEDEC: J-STD-020B standard.
Order
Number
Package
Number
Package Description
74LCX240WM
M20B
20-Lead Small Outline Integrated Circuit (SOIC), JEDEC MS-013, 0.300" Wide
74LCX240SJ
M20D
20-Lead Small Outline Package (SOP), EIAJ TYPE II, 5.3mm Wide
74LCX240MSA
MSA20
20-Lead Shrink Small Outline Package (SSOP), JEDEC MO-150, 5.3mm Wide
74LCX240MTC
MTC20
20-Lead Thin Shrink Small Outline Package (TSSOP), JEDEC MO-153, 4.4mm
Wide
Implements proprietary noise/EMI reduction circuitry


Numéro de pièce similaire - 74LCX240SJ_08

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX240SJX FAIRCHILD-74LCX240SJX Datasheet
116Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX240SJX NSC-74LCX240SJX Datasheet
122Kb / 6P
   Low-Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results

Description similaire - 74LCX240SJ_08

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74LCX541MTCX FAIRCHILD-74LCX541MTCX Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX540 FAIRCHILD-74LCX540 Datasheet
548Kb / 12P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541 Datasheet
763Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX541 FAIRCHILD-74LCX541_08 Datasheet
670Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
74LCX241 FAIRCHILD-74LCX241 Datasheet
115Kb / 10P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
National Semiconductor ...
74LCX240 NSC-74LCX240 Datasheet
122Kb / 6P
   Low-Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
Fairchild Semiconductor
74LCX540 FAIRCHILD-74LCX540_07 Datasheet
750Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
logo
ON Semiconductor
74LCX540 ONSEMI-74LCX540 Datasheet
662Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
Dec 2013 Rev. 1.7.1
74LCX541 ONSEMI-74LCX541 Datasheet
693Kb / 16P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
December 2013 Rev. 1.6.1
logo
Fairchild Semiconductor
74LCX540 FAIRCHILD-74LCX540_06 Datasheet
770Kb / 14P
   Low Voltage Octal Buffer/Line Driver with 5V Tolerant Inputs and Outputs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com