Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G56FHX Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce 74AUP1G56FHX
Description  TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

74AUP1G56FHX Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  74AUP1G56FHX Datasheet HTML 1Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 2Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 3Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 4Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 5Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 6Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 7Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 8Page - Fairchild Semiconductor 74AUP1G56FHX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 10 page
background image
© 2008 Fairchild Semiconductor Corporation
www.fairchildsemi.com
74AUP1G56 • Rev. 1.0.2
4
Absolute Maximum Ratings
Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be
operable above the recommended operating conditions and stressing the parts to these levels is not recommended.
In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability.
The absolute maximum ratings are stress ratings only.
Symbol
Parameter
Min.
Max.
Unit
VCC
Supply Voltage
-0.5
4.6
V
VIN
DC Input Voltage
-0.5
4.6
V
VOUT
DC Output Voltage
(2)
-0.5
4.6
V
IIK
DC Input Diode Current
VIN < 0V
-50
mA
IOK
DC Output Diode Current
VOUT < 0V
-50
mA
IOL
DC Output Sink Current
+50
mA
ICC or IGND
DC VCC or Ground Current per Supply Pin
±50
mA
TSTG
Storage Temperature Range
-65
+150
°C
TJ
Junction Temperature Under Bias
+150
°C
TL
Junction Lead Temperature, Soldering 10s
+260
°C
PD
Power Dissipation at +85°C
MicroPak™-6
130
mW
MicroPak2™-6
120
ESD
Human Body Model, JEDEC:JESD22-A114
4000
V
Charged Device Model, JEDEC:JESD22-C101
2000
Note:
2.
IO absolute maximum rating must be observed.
Recommended Operating Conditions
(3)
The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended
operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not
recommend exceeding them or designing to Absolute Maximum Ratings.
Symbol
Parameter
Condition
Min.
Max.
Unit
VCC
Supply Voltage
0.8
3.6
V
VIN
Input Voltage
0
3.6
V
VOUT
Output Voltage
VCC=0 V
0
3.6
V
IOL
Output Current
VCC=3.0 V to 3.6 V
4.0
mA
VCC=2.3 V to 2.7 V
3.1
VCC=1.65 V to 1.95 V
1.9
VCC=1.4 V to 1.6 V
1.7
VCC=1.1 V to 1.3 V
1.1
VCC=0.8 V
20.0
µA
TA
Operating Temperature, Free Air
-40
+85
°C
θJA
Thermal Resistance
MicroPak™-6
500
°C/W
MicroPak2™-6
560
Note:
3.
Unused inputs must be held HIGH or LOW. They may not float.


Numéro de pièce similaire - 74AUP1G56FHX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
74AUP1G56FHX ONSEMI-74AUP1G56FHX Datasheet
395Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.2
More results

Description similaire - 74AUP1G56FHX

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
74AUP1G96 FAIRCHILD-74AUP1G96 Datasheet
404Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G59 FAIRCHILD-74AUP1G59 Datasheet
1Mb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G95 FAIRCHILD-74AUP1G95 Datasheet
577Kb / 10P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate (Open Drain Output)
74AUP1G97 FAIRCHILD-74AUP1G97 Datasheet
579Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G57 FAIRCHILD-74AUP1G57 Datasheet
574Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two- Input Logic Gate
74AUP1G58 FAIRCHILD-74AUP1G58 Datasheet
573Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
74AUP1G98 FAIRCHILD-74AUP1G98 Datasheet
575Kb / 11P
   TinyLogic짰 Low Power Universal Configurable Two-Input Logic Gate
NC7SZ57 FAIRCHILD-NC7SZ57_11 Datasheet
578Kb / 13P
   TinyLogic짰 UHS Universal Configurable Two-Input Logic Gates
logo
ON Semiconductor
74AUP1G59 ONSEMI-74AUP1G59 Datasheet
649Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.4
74AUP1G95 ONSEMI-74AUP1G95 Datasheet
485Kb / 12P
   Low Power Universal Configurable Two-Input Logic Gate
Sep 2012 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com