Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD4141 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDD4141
Description  P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD4141 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDD4141_10 Datasheet HTML 1Page - Fairchild Semiconductor FDD4141_10 Datasheet HTML 2Page - Fairchild Semiconductor FDD4141_10 Datasheet HTML 3Page - Fairchild Semiconductor FDD4141_10 Datasheet HTML 4Page - Fairchild Semiconductor FDD4141_10 Datasheet HTML 5Page - Fairchild Semiconductor FDD4141_10 Datasheet HTML 6Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
October 2010
©2010 Fairchild Semiconductor Corporation
FDD4141_F085 Rev.C
www.fairchildsemi.com
1
FDD4141_F085
P-Channel PowerTrench® MOSFET
-40V, -50A, 12.3m
Ω
Features
Max rDS(on) = 12.3mΩ at VGS = -10V, ID = -12.7A
Max rDS(on) = 18.0mΩ at VGS = -4.5V, ID = -10.4A
High performance trench technology for extremely low rDS(on)
Qualified to AEC Q101
RoHS Compliant
General Description
This P-Channel MOSFET has been produced using Fairchild
Semiconductor’s
proprietary
PowerTrench®
technology
to
deliver low rDS(on) and optimized Bvdss capability to offer
superior performance benefit in the applications. and optimized
switching performance capability reducing power dissipation
losses in converter/inverter applications.
Applications
Inverter
Power Supplies
MOSFET Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Package Marking and Ordering Information
Symbol
Parameter
Ratings
Units
VDS
Drain to Source Voltage
-40
V
VGS
Gate to Source Voltage
±20
V
ID
Drain Current -Continuous (Package limited)
TC = 25°C
-50
A
-Continuous (Silicon limited)
TC = 25°C
-58
-Continuous
TA = 25°C
(Note 1a)
-10.8
-Pulsed
-100
EAS
Single Pulse Avalanche Energy
(Note 3)
337
mJ
PD
Power Dissipation
TC = 25°C
69
W
Power Dissipation
TA = 25°C
(Note 1a)
2.4
TJ, TSTG
Operating and Storage Junction Temperature Range
-55 to +150
°C
RθJC
Maximum Thermal Resistance, Junction to Case
1.8
°C/W
RθJA
Maximum Thermal Resistance, Junction to Ambient
(Note 1a)
52
Device Marking
Device
Package
Reel Size
Tape Width
Quantity
FDD4141
FDD4141_F085
D-PAK (TO-252)
13’’
12mm
2500 units
G
S
D
TO -2 52
D-P A K
(T O -25 2)
S
G
D


Numéro de pièce similaire - FDD4141_10

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
More results

Description similaire - FDD4141_10

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
logo
Fairchild Semiconductor
FDD8447L FAIRCHILD-FDD8447L_08 Datasheet
518Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.5m廓
FDD8445 FAIRCHILD-FDD8445_07 Datasheet
360Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8444 FAIRCHILD-FDD8444_10 Datasheet
300Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m廓
FDD8445 FAIRCHILD-FDD8445_10 Datasheet
528Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8447L-F085 FAIRCHILD-FDD8447L-F085 Datasheet
440Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 11.0m廓
FDP8447L FAIRCHILD-FDP8447L Datasheet
188Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8453LZ FAIRCHILD-FDD8453LZ Datasheet
276Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.7m廓
FDD8444L_F085 FAIRCHILD-FDD8444L_F085_09 Datasheet
394Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.0m廓
FDD3672 FAIRCHILD-FDD3672_08 Datasheet
431Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com