Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FGB3236 Fiches technique(PDF) 6 Page - Fairchild Semiconductor

No de pièce FGB3236
Description  FGB3236_F085 / FGI3236_F085 EcoSPARKTM 320mJ, 360V, N-Channel Ignition IGBT
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FGB3236 Fiches technique(HTML) 6 Page - Fairchild Semiconductor

Back Button FGB3236 Datasheet HTML 2Page - Fairchild Semiconductor FGB3236 Datasheet HTML 3Page - Fairchild Semiconductor FGB3236 Datasheet HTML 4Page - Fairchild Semiconductor FGB3236 Datasheet HTML 5Page - Fairchild Semiconductor FGB3236 Datasheet HTML 6Page - Fairchild Semiconductor FGB3236 Datasheet HTML 7Page - Fairchild Semiconductor FGB3236 Datasheet HTML 8Page - Fairchild Semiconductor FGB3236 Datasheet HTML 9Page - Fairchild Semiconductor FGB3236 Datasheet HTML 10Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
FGB3236_F085 / FGI3236_F085 Rev. A
www.fairchildsemi.com
6
Figure 13.
0
5
10
15
20
25
0
400
800
1200
1600
2000
f = 1MHz
VGE = 0V
CRES
COES
CIES
VDS, DRAIN TO SOURCE VOLTAGE (V)
Capacitance vs. Collector to Emitter
Voltage
Figure 14.
0
1020
30
4050
0
2
4
6
8
10
ICE = 10A, TJ = 25
oC
VCE = 6V
Qg, GATE CHARGE(nC)
VCE = 12V
Gate Charge
Figure 15.
10
100
1000
350
360
370
380
T
J = 25
oC
T
J = -40
oC
T
J = 175
oC
I
CER = 10mA
RG, SERIES GATE RESISTANCE ()
6000
Break down Voltage vs. Series Gate Resistance
Figure 16.
10
-5
10
-4
10
-3
10
-2
10
-1
1
1E-3
0.01
0.1
1
SINGLE PULSE
D = 0.50
0.20
0.10
0.05
0.02
0.01
t, RECTANGULAR PULSE DURATION(s)
DUTY CYCLE - DESCENDING ORDER
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJC x RθJC + TC
PDM
t1
t2
IGBT Normalized Transient Thermal Impedance, Junction to Case
Typical Performance Curves (Continued)


Numéro de pièce similaire - FGB3236

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FGB3236F085 FAIRCHILD-FGB3236F085 Datasheet
908Kb / 10P
   EcoSPARK 320mJ, 360V, N-Channel Ignition IGBT
More results

Description similaire - FGB3236

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S_04 Datasheet
170Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S_04 Datasheet
173Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
ISL9V5036S3S FAIRCHILD-ISL9V5036S3S Datasheet
206Kb / 8P
   EcoSPARKTM 500mJ, 360V, N-Channel Ignition IGBT
FGI3236 FAIRCHILD-FGI3236 Datasheet
908Kb / 10P
   EcoSPARK 320mJ, 360V, N-Channel Ignition IGBT
ISL9V3036D3S FAIRCHILD-ISL9V3036D3S Datasheet
200Kb / 8P
   EcoSPARKTM 300mJ, 360V, N-Channel Ignition IGBT
logo
ON Semiconductor
FGD2736G3-F085 ONSEMI-FGD2736G3-F085 Datasheet
932Kb / 9P
   EcoSPARKTM 3 270mJ, 360V, N-Channel Ignition IGBT
August-2017, Rev. 2
logo
Fairchild Semiconductor
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S_04 Datasheet
165Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
ISL9V2040D3S FAIRCHILD-ISL9V2040D3S Datasheet
195Kb / 8P
   EcoSPARKTM 200mJ, 400V, N-Channel Ignition IGBT
ISL9V3040D3S FAIRCHILD-ISL9V3040D3S Datasheet
196Kb / 8P
   EcoSPARKTM 300mJ, 400V, N-Channel Ignition IGBT
logo
ON Semiconductor
FGD3245G2-F085 ONSEMI-FGD3245G2-F085 Datasheet
1Mb / 8P
   EcoSPARK짰2 320mJ, 450V, N-Channel Ignition IGBT
August-2017, Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com