Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDD8444 Fiches technique(PDF) 1 Page - Fairchild Semiconductor

No de pièce FDD8444
Description  N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD8444 Fiches technique(HTML) 1 Page - Fairchild Semiconductor

  FDD8444_10 Datasheet HTML 1Page - Fairchild Semiconductor FDD8444_10 Datasheet HTML 2Page - Fairchild Semiconductor FDD8444_10 Datasheet HTML 3Page - Fairchild Semiconductor FDD8444_10 Datasheet HTML 4Page - Fairchild Semiconductor FDD8444_10 Datasheet HTML 5Page - Fairchild Semiconductor FDD8444_10 Datasheet HTML 6Page - Fairchild Semiconductor FDD8444_10 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
October 2010
©2010 Fairchild Semiconductor Corporation
FDD8444_F085 Rev C (W)
www.fairchildsemi.com
1
FDD8444_F085
N-Channel PowerTrench® MOSFET
40V, 50A, 5.2m
Ω
Features
Typ rDS(on) = 4mΩ at VGS = 10V, ID = 50A
Typ Qg(10) = 89nC at VGS = 10V
Low Miller Charge
Low Qrr Body Diode
UIS Capability (Single Pulse/ Repetitive Pulse)
Qualified to AEC Q101
RoHS Compliant
Applications
Automotive Engine Control
Powertrain Management
Solenoid and Motor Drivers
Electronic Transmission
Distributed Power Architecture and VRMs
Primary Switch for 12V Systems
A D
F R E E I


Numéro de pièce similaire - FDD8444_10

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDD8444-F085 ONSEMI-FDD8444-F085 Datasheet
719Kb / 7P
   N-Channel PowerTrench짰 MOSFET
September-2017,Rev.2
logo
VBsemi Electronics Co.,...
FDD8444-NL VBSEMI-FDD8444-NL Datasheet
1,003Kb / 8P
   N-Channel 4 -V (D-S) MOSFET
logo
Fairchild Semiconductor
FDD8444L FAIRCHILD-FDD8444L Datasheet
282Kb / 7P
   N-Channel PowerTrench짰 MOSFET
FDD8444L-F085 FAIRCHILD-FDD8444L-F085 Datasheet
394Kb / 7P
   N-Channel PowerTrench짰 MOSFET
logo
ON Semiconductor
FDD8444L-F085 ONSEMI-FDD8444L-F085 Datasheet
511Kb / 8P
   N-Channel PowerTrench짰 MOSFET
September-2017, Rev. 1
More results

Description similaire - FDD8444_10

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDD8444 FAIRCHILD-FDD8444_06 Datasheet
324Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 5.2m?
FDD8447L FAIRCHILD-FDD8447L_08 Datasheet
518Kb / 6P
   40V N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.5m廓
FDD8445 FAIRCHILD-FDD8445_07 Datasheet
360Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8445 FAIRCHILD-FDD8445_10 Datasheet
528Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8447L-F085 FAIRCHILD-FDD8447L-F085 Datasheet
440Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 11.0m廓
FDP8447L FAIRCHILD-FDP8447L Datasheet
188Kb / 6P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 8.7m廓
FDD8453LZ FAIRCHILD-FDD8453LZ Datasheet
276Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.7m廓
FDD8444L_F085 FAIRCHILD-FDD8444L_F085_09 Datasheet
394Kb / 7P
   N-Channel PowerTrench짰 MOSFET 40V, 50A, 6.0m廓
FDD4141 FAIRCHILD-FDD4141_10 Datasheet
272Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
logo
ON Semiconductor
FDD4141-F085 ONSEMI-FDD4141-F085 Datasheet
328Kb / 6P
   P-Channel PowerTrench짰 MOSFET -40V, -50A, 12.3m廓
November-2018, Rev.4
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com