Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FDC642P Fiches technique(PDF) 4 Page - Fairchild Semiconductor

No de pièce FDC642P
Description  P-Channel PowerTrench짰 MOSFET -20V, -4A, 100m廓
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDC642P Fiches technique(HTML) 4 Page - Fairchild Semiconductor

  FDC642P_09 Datasheet HTML 1Page - Fairchild Semiconductor FDC642P_09 Datasheet HTML 2Page - Fairchild Semiconductor FDC642P_09 Datasheet HTML 3Page - Fairchild Semiconductor FDC642P_09 Datasheet HTML 4Page - Fairchild Semiconductor FDC642P_09 Datasheet HTML 5Page - Fairchild Semiconductor FDC642P_09 Datasheet HTML 6Page - Fairchild Semiconductor FDC642P_09 Datasheet HTML 7Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
FDC642P_F085 Rev. A
www.fairchildsemi.com
4
Typical Characteristics
Figure 1. Normalized Power Dissipation vs
Ambient Temperature
0
25
50
75
100
125
150
0.0
0.2
0.4
0.6
0.8
1.0
1.2
TA, CASE TEMPERATURE (oC)
Figure 2. Maximum Continuous Drain Current vs
Ambient Temperature
25
50
75
100
125
150
0
1
2
3
4
V
GS
=
-4.5V
V
GS
=
-2.5V
Max RθJA = 103
oC/W
TA, CASE TEMPERATURE (oC)
Figure 3.
10
-3
10
-2
10
-1
110
10
2
10
3
0.01
0.1
1
Max RθJA = 103
oC/W
SINGLE PULSE
D = 0.50
0.20
0.10
0.05
0.02
0.01
t, RECTANGULAR PULSE DURATION (s)
DUTY CYCLE - DESCENDING ORDER
2
NOTES:
DUTY FACTOR: D = t1/t2
PEAK TJ = PDM x ZθJA x RθJA + TA
PDM
t1
t2
Normalized Maximum Transient Thermal Impedance
Figure 4. Peak Current Capability
10
-3
10
-2
10
-1
110
10
2
10
3
1
10
100
Max RθJA = 103
oC/W
TRANSCONDUCTANCE
MAY LIMIT CURRENT
IN THIS REGION
V
GS = -4.5V
SINGLE PULSE
t, RECTANGULAR PULSE DURATION(s)
TA = 25
oC
I = I25
150 - TA
125
FOR TEMPERATURES
ABOVE 25oC DERATE PEAK
CURRENT AS FOLLOWS:


Numéro de pièce similaire - FDC642P_09

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FDC642P-F085 ONSEMI-FDC642P-F085 Datasheet
1Mb / 9P
   MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
FDC642P-F085P ONSEMI-FDC642P-F085P Datasheet
1Mb / 9P
   MOSFET ??P-Channel, POWERTRENCH -20 V, -4 A, 100 m
September, 2020 ??Rev. 3
logo
Fairchild Semiconductor
FDC642P_F085 FAIRCHILD-FDC642P_F085 Datasheet
132Kb / 5P
   FDC642P P-Channel 2.5V specified PowerTrench MOSFET
More results

Description similaire - FDC642P_09

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FDG332PZ FAIRCHILD-FDG332PZ Datasheet
458Kb / 6P
   P-Channel PowerTrench짰 MOSFET -20V, -2.6A, 97m廓
FDMA510PZ FAIRCHILD-FDMA510PZ Datasheet
752Kb / 7P
   Single P-Channel PowerTrench짰 MOSFET -20V, -7.8A, 30m廓
FDMA520PZ FAIRCHILD-FDMA520PZ_08 Datasheet
1Mb / 6P
   Single P-Channel PowerTrench짰 MOSFET -20V, -7.3A, 30m廓
FDFMA2P857 FAIRCHILD-FDFMA2P857_08 Datasheet
602Kb / 8P
   Integrated P-Channel PowerTrench짰 MOSFET and Schottky Diode .20V, .3.0A, 120m廓
logo
Unisonic Technologies
UD4P20 UTC-UD4P20 Datasheet
139Kb / 4P
   4A, 20V DUAL P-CHANNEL POWER MOSFET
logo
Fairchild Semiconductor
FDC5661N FAIRCHILD-FDC5661N Datasheet
425Kb / 7P
   N-Channel Logic Level PowerTrench짰 MOSFET 60V, 4A, 60m廓
FDZ1905PZ FAIRCHILD-FDZ1905PZ Datasheet
297Kb / 6P
   Common Drain P-Channel 1.5V PowerTrench짰 WL-CSP MOSFET -20V -3A, 123m廓
logo
E-CMOS Corporation
EC732341E E-CMOS-EC732341E Datasheet
304Kb / 6P
   -20V, -4A P-Channel MOS
logo
ON Semiconductor
FDD4243-F085 ONSEMI-FDD4243-F085 Datasheet
427Kb / 8P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
September-2017, Rev. 2
logo
Fairchild Semiconductor
FDD3672 FAIRCHILD-FDD3672_08 Datasheet
431Kb / 7P
   P-Channel PowerTrench짰 MOSFET -40V, -14A, 64m廓
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com