Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

WM8960 Fiches technique(PDF) 34 Page - Wolfson Microelectronics plc

No de pièce WM8960
Description  Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
Download  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WOLFSON [Wolfson Microelectronics plc]
Site Internet  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8960 Fiches technique(HTML) 34 Page - Wolfson Microelectronics plc

Back Button WM8960_11 Datasheet HTML 30Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 31Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 32Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 33Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 34Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 35Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 36Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 37Page - Wolfson Microelectronics plc WM8960_11 Datasheet HTML 38Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 91 page
background image
WM8960
Production Data
w
PD, October 2011, Rev 4.1
34
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R6 (06h)
ADC and DAC
Control (2)
6:5
DACPOL[1:0]
00
DAC Polarity Control:
00 = Polarity not inverted
01 = DAC L inverted
10 = DAC R inverted
11 = DAC L and R inverted
R23 (17h)
Additional
Control (1)
4
DMONOMIX
0
DAC Mono Mix
0 = Stereo
1 = Mono (Mono MIX output on
enabled DACs)
Table 18 DAC Mono Mix and Phase Invert Select
3D STEREO ENHANCEMENT
The WM8960 has a digital 3D enhancement option to artificially increase the separation between the
left and right channels. This effect can only be used for playback, not for record.
The 3D enhancement function is activated by the 3DEN bit, and the 3DDEPTH setting controls the
degree of stereo expansion. Additionally, one of four filter characteristics can be selected for the 3D
processing, using the 3DUC and 3DLC control bits.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R16 (10h)
3D enhance
6
3DUC
0
Upper Cut-Off Frequency
0 = High (Recommended for
fs>=32kHz)
1 = Low (Recommended for
fs<32kHz)
5
3DLC
0
Lower Cut-Off Frequency
0 = Low (Recommended for
fs>=32kHz)
1 = High (Recommended for
fs<32kHz)
4:1
3DDEPTH
[3:0]
0000
3D Stereo Depth
0000 = 0% (minimum 3D effect)
0001 = 6.67%
....
1110 = 93.3%
1111 = 100% (maximum 3D effect)
0
3DEN
0
3D Stereo Enhancement Enable
0 = Disabled
1 = Enabled
Table 19 3D Stereo Enhancement Function
When 3D enhancement is enabled it may be necessary to attenuate the signal by 6dB to avoid
limiting. This is a user-selectable function, enabled by setting DACDIV2.
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R5 (05h)
ADC and DAC
control (1)
7
DACDIV2
0
DAC 6dB attenuate enable
0 = disabled (0dB)
1 = -6dB enabled
Table 20 DAC 6dB Attenuation Select


Numéro de pièce similaire - WM8960_11

FabricantNo de pièceFiches techniqueDescription
logo
Cirrus Logic
WM8960CGEFL CIRRUS-WM8960CGEFL Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
WM8960CGEFL/RV CIRRUS-WM8960CGEFL/RV Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
WM8960CGEFL/V CIRRUS-WM8960CGEFL/V Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
logo
Wolfson Microelectronic...
WM8960GEFL/RV WOLFSON-WM8960GEFL/RV Datasheet
1Mb / 88P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960GEFL/V WOLFSON-WM8960GEFL/V Datasheet
1Mb / 88P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
More results

Description similaire - WM8960_11

FabricantNo de pièceFiches techniqueDescription
logo
Wolfson Microelectronic...
WM8960 WOLFSON-WM8960 Datasheet
1Mb / 92P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8960 WOLFSON-WM8960_06 Datasheet
1Mb / 88P
   Stereo CODEC with 1W Stereo Class D Speaker Drivers and Headphone Drivers for Portable Audio Applications
WM8961 WOLFSON-WM8961 Datasheet
1Mb / 116P
   Ultra-Low Power Stereo CODEC with 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962B WOLFSON-WM8962B Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8962 WOLFSON-WM8962 Datasheet
5Mb / 295P
   Ultra-Low Power Stereo CODEC with Audio Enhancement DSP, 1W Stereo Class D Speaker Drivers and Ground Referenced Headphone Drivers
WM8956 WOLFSON-WM8956_11 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_06 Datasheet
75Kb / 2P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
WM8956 WOLFSON-WM8956_07 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers and Headphone Drivers
logo
Cirrus Logic
WM8960 CIRRUS-WM8960 Datasheet
2Mb / 94P
   Speaker and Headphone Drivers for Portable Audio Applications
Rev 4.4 JAN 2019
WM8956 CIRRUS-WM8956 Datasheet
1Mb / 80P
   Hi-Fi DAC with 1W Stereo Class D Speaker Drivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com