Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FIN3386MTDX Fiches technique(PDF) 2 Page - Fairchild Semiconductor

No de pièce FIN3386MTDX
Description  Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN3386MTDX Fiches technique(HTML) 2 Page - Fairchild Semiconductor

  FIN3386MTDX Datasheet HTML 1Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 2Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 3Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 4Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 5Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 6Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 7Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 8Page - Fairchild Semiconductor FIN3386MTDX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 21 page
background image
© 2003 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN3385 / FIN3386 • Rev. 1.0.6
2
Block Diagrams
Figure 1. FIN3385 Transmitter Functional Diagram
Figure 2. FIN3386 Receiver Functional Diagram


Numéro de pièce similaire - FIN3386MTDX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FIN3386MTDX ONSEMI-FIN3386MTDX Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
More results

Description similaire - FIN3386MTDX

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
FIN3385 ONSEMI-FIN3385 Datasheet
648Kb / 23P
   Low-Voltage, 28-Bit, Flat-Panel Display Link Serializer / Deserializer
March 2012 Rev. 1.0.6
logo
Fairchild Semiconductor
FIN3385MTD FAIRCHILD-FIN3385MTD Datasheet
281Kb / 9P
   Low Voltage 28-Bit Flat Panel Display Link Serializers
FIN3384 FAIRCHILD-FIN3384 Datasheet
553Kb / 18P
   Low Voltage 28-Bit Flat Panel Display Link Serializers/Deserializers
logo
National Semiconductor ...
DS90CR483 NSC-DS90CR483 Datasheet
348Kb / 17P
   48-Bit LVDS Channel Link Serializer/Deserializer
logo
Texas Instruments
LM2502 TI1-LM2502 Datasheet
1Mb / 31P
[Old version datasheet]   Mobile Pixel Link Display Interface Serializer and Deserializer
logo
National Semiconductor ...
LM2502 NSC-LM2502 Datasheet
1Mb / 27P
   Mobile Pixel Link (MPL) Display Interface Serializer and Deserializer
logo
Texas Instruments
DS90CR561 TI1-DS90CR561_13 Datasheet
455Kb / 14P
[Old version datasheet]   18-Bit Color Flat Panel Display (FPD) Link
logo
Fairchild Semiconductor
FIN224C FAIRCHILD-FIN224C Datasheet
765Kb / 9P
   24-Bit Low-Power Serializer/Deserializer
logo
Texas Instruments
SN65LVDS93B TI1-SN65LVDS93B Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
SN65LVDS93B TI1-SN65LVDS93B_18 Datasheet
1Mb / 33P
[Old version datasheet]   10 MHz - 85 MHz 28-bit Flat Panel Display Link LVDS Serdes Transmitter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com