Moteur de recherche de fiches techniques de composants électroniques |
|
FIN1108 Fiches technique(PDF) 4 Page - Fairchild Semiconductor |
|
FIN1108 Fiches technique(HTML) 4 Page - Fairchild Semiconductor |
4 / 9 page © 2002 Fairchild Semiconductor Corporation www.fairchildsemi.com FIN1108 • Rev. 1.0.4 4 Absolute Maximum Ratings Stresses exceeding the absolute maximum ratings may damage the device. The device may not function or be operable above the recommended operating conditions and stressing the parts to these levels is not recommended. In addition, extended exposure to stresses above the recommended operating conditions may affect device reliability. The absolute maximum ratings are stress ratings only. Symbol Parameter Min. Max. Unit VCC Supply Voltage -0.5 +4.6 V VIN LVDS DC Input Voltage -0.5 +4.6 V VOUT LVDS DC Output Voltage -0.5 +4.6 V IOSD Driver Short-Circuit Current Continuous 10 mA TSTG Storage Temperature Range -65 +150 °C TJ Junction Temperature +150 °C TL Lead Temperature, Soldering, 10 seconds +260 °C ESD Human Body Model, JESD22-A114 7500 V Machine Model, JEDEC: JESD22-A115 400 Recommended Operating Conditions The Recommended Operating Conditions table defines the conditions for actual device operation. Recommended operating conditions are specified to ensure optimal performance to the datasheet specifications. Fairchild does not recommend exceeding them or designing to Absolute Maximum Ratings. Symbol Parameter Min. Max. Unit VCC Supply Voltage 3.0 3.6 V ⏐V ID⏐ Magnitude of Differential Voltage 100 mV to VCC V VIC Common Mode Voltage Range (0V + ⏐V ID⏐/2) (VCC - ⏐VID⏐/2) V TA Operating Temperature -40 +85 °C |
Numéro de pièce similaire - FIN1108_10 |
|
Description similaire - FIN1108_10 |