Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

FIN224C Fiches technique(PDF) 7 Page - Fairchild Semiconductor

No de pièce FIN224C
Description  24-Bit Low-Power Serializer/Deserializer
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  FAIRCHILD [Fairchild Semiconductor]
Site Internet  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FIN224C Fiches technique(HTML) 7 Page - Fairchild Semiconductor

  FIN224C Datasheet HTML 1Page - Fairchild Semiconductor FIN224C Datasheet HTML 2Page - Fairchild Semiconductor FIN224C Datasheet HTML 3Page - Fairchild Semiconductor FIN224C Datasheet HTML 4Page - Fairchild Semiconductor FIN224C Datasheet HTML 5Page - Fairchild Semiconductor FIN224C Datasheet HTML 6Page - Fairchild Semiconductor FIN224C Datasheet HTML 7Page - Fairchild Semiconductor FIN224C Datasheet HTML 8Page - Fairchild Semiconductor FIN224C Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
© 2009 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FIN224C • Rev. 1.0.9
7
Symbol
Parameter
Test Conditions
Min.
Typ.
Max.
Unit
tTPLLS0
Phase Lock Loop Stabilization Time
200
µs
tTPLLD0
PLL Disable Time Loss of Clock
30
µs
AC Deserializer, DIRI = 0 Specifications
tSKEW_DS-
CKS
Allowed DS-CKS Input Signal Skew
-150
150
ps
tRCOH
CKP Out Low Time
CKREF = STROBE, a = (1/f)/13
13a-3
13a+3
ns
tRCOH
CKP Out High Time
13a-3
13a+13
ns
tPDV
Data Valid to CKP Low
8a-6
8a+1
ns
tROLH
Output Rise Time (20% to 80%)
18
ns
tROLH
Output Fall Time (20% to 80%)
18
ns
AC Enable and Disable Timing
tPLZ(HZ)
Deserializer Disable Time
25
ns
tPZL(ZH)
Deserializer Enable Time
2
µs
tPLZ(HZ)
Serializer Disable Time
25
ns
tPZL(ZH)
Serializer Enable Time
65
ns
Notes:
2.
Skew is measured from either the rising or falling edge of CKSO clock to the rising or falling edge of DSO. Signals are
edge aligned. Both outputs should have identical load condtions for this test to be valid.
3.
If CKREF is not equal to STROBE for the serializer, the CKP signal does not maintain a 50% duty cycle. The low time of
CKP remains 13 bit times.


Numéro de pièce similaire - FIN224C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN224AC FAIRCHILD-FIN224AC Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224AC FAIRCHILD-FIN224AC Datasheet
1Mb / 19P
   22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
539Kb / 23P
   USerDes 22-Bit Bi-Directional Serializer/Deserializer
FIN224ACGFX FAIRCHILD-FIN224ACGFX Datasheet
497Kb / 23P
   uSerDes 22-Bit Bi-Directional Serializer/Deserializer
More results

Description similaire - FIN224C

FabricantNo de pièceFiches techniqueDescription
logo
Fairchild Semiconductor
FIN24C FAIRCHILD-FIN24C Datasheet
758Kb / 22P
   uSerDes Low Voltage 24-Bit Bi-Directional Serializer/Deserializer
FIN324C FAIRCHILD-FIN324C_08 Datasheet
930Kb / 19P
   24-Bit Ultra-Low Power Serializer / Deserializer Supporting Single and Dual Displays
FIN324C FAIRCHILD-FIN324C Datasheet
568Kb / 23P
   24-Bit Ultra-Low Power Serializer Deserializer Supporting Single and Dual Displays
FIN24C FAIRCHILD-FIN24C_06 Datasheet
449Kb / 25P
   uSerDes?줝ow-Voltage 24-Bit Bi-Directional Serializer/Deserializer
logo
National Semiconductor ...
DS90C124 NSC-DS90C124 Datasheet
865Kb / 17P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103 NSC-DS99R103 Datasheet
890Kb / 22P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R105 NSC-DS99R105 Datasheet
922Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
Texas Instruments
DS99R103 TI1-DS99R103_14 Datasheet
1Mb / 30P
[Old version datasheet]   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
logo
National Semiconductor ...
DS90C241_0608 NSC-DS90C241_0608 Datasheet
900Kb / 21P
   5-35MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
DS99R103_0710 NSC-DS99R103_0710 Datasheet
924Kb / 24P
   3-40MHz DC-Balanced 24-Bit LVDS Serializer and Deserializer
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com