Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

ADC08D502 Fiches technique(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
No de pièce ADC08D502
Description  ADC08D502 High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
Download  43 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

ADC08D502 Fiches technique(HTML) 10 Page - Texas Instruments

Back Button ADC08D502 Datasheet HTML 6Page - Texas Instruments ADC08D502 Datasheet HTML 7Page - Texas Instruments ADC08D502 Datasheet HTML 8Page - Texas Instruments ADC08D502 Datasheet HTML 9Page - Texas Instruments ADC08D502 Datasheet HTML 10Page - Texas Instruments ADC08D502 Datasheet HTML 11Page - Texas Instruments ADC08D502 Datasheet HTML 12Page - Texas Instruments ADC08D502 Datasheet HTML 13Page - Texas Instruments ADC08D502 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 43 page
background image
ADC08D502
SNOSC85 – AUGUST 2012
www.ti.com
Converter Electrical Characteristics (continued)
The following specifications apply after calibration for VA = VDR = +1.9VDC, OutV = 1.9V, VIN FSR (a.c. coupled) = differential
870mVP-P, CL = 10 pF, Differential, a.c. coupled Sinewave Input Clock, fCLK = 500 MHz at 0.5VP-P with 50% duty cycle, VBG =
Floating, Non-Extended Control Mode, SDR Mode, REXT = 3300Ω ±0.1%, Analog Signal Source Impedance = 100Ω
Differential. Boldface limits apply for TA = TMIN to TMAX. All other limits TA = 25°C, unless otherwise noted.
(1) (2)
Typical
Limits
Units
Symbol
Parameter
Conditions
(3)
(3)
(Limits)
fIN = 50 MHz, VIN = FSR − 0.5 dB
−60
dB
2nd Harm
Second Harmonic Distortion
fIN = 100 MHz, VIN = FSR − 0.5 dB
−60
dB
fIN = 248 MHz, VIN = FSR − 0.5 dB
−60
dB
fIN = 50 MHz, VIN = FSR − 0.5 dB
−65
dB
3rd Harm
Third Harmonic Distortion
fIN = 100 MHz, VIN = FSR − 0.5 dB
−65
dB
fIN = 248 MHz, VIN = FSR − 0.5 dB
−65
dB
fIN = 50 MHz, VIN = FSR − 0.5 dB
55
dB
SFDR
Spurious-Free dynamic Range
fIN = 100 MHz, VIN = FSR − 0.5 dB
55
47.5
dB (min)
fIN = 248 MHz, VIN = FSR − 0.5 dB
55
47.5
dB (min)
fIN1 = 121 MHz, VIN = FSR − 7 dB
IMD
Intermodulation Distortion
-50
dB
fIN2 = 126 MHz, VIN = FSR − 7 dB
(VIN+) − (VIN−) > + Full Scale
255
Out of Range Output Code
(In addition to OR Output high)
(VIN+) − (VIN−) < − Full Scale
0
ANALOG INPUT AND REFERENCE CHARACTERISTICS
570
mVP-P (min)
FSR pin 14 Low
650
730
mVP-P (max)
Full Scale Analog Differential Input
VIN
Range
790
mVP-P (min)
FSR pin 14 High
870
950
mVP-P (max)
VCMO − 50
mV (min)
VCMI
Analog Input Common Mode Voltage
VCMO
VCMO + 50
mV (max)
Differential
0.02
pF
CIN
Analog Input Capacitance (5) (6)
Each input pin to ground
1.6
pF
94
Ω (min)
RIN
Differential Input Resistance
100
106
Ω (max)
ANALOG OUTPUT CHARACTERISTICS
0.95
V (min)
VCMO
Common Mode Output Voltage
1.26
1.45
V (max)
VA = 1.8V
0.60
V
VCMO input threshold to set DC
VCMO_LVL
Coupling mode
VA = 2.0V
0.66
V
Common Mode Output Voltage
TC VCMO
TA = −40°C to +85°C
118
ppm/°C
Temperature Coefficient
CLOAD
Maximum VCMO load Capacitance
80
pF
VCMO
1.20
V (min)
VBG
Bandgap Reference Output Voltage
IBG = ±100 µA
1.26
1.33
V (max)
Bandgap Reference Voltage
TC VBG
TA = −40°C to +85°C, IBG = ±100 µA
28
ppm/°C
Temperature Coefficient
Maximum Bandgap Reference Load
CLOAD VBG
80
pF
Capacitance
TEMPERATURE DIODE CHARACTERISTICS
192 µA vs. 12 µA,
71.23
mV
TJ = 25°C
ΔVBE
Temperature Diode Voltage
192 µA vs. 12 µA,
85.54
mV
TJ = 85°C
(5)
The analog and clock input capacitances are die capacitances only. Additional package capacitances of 0.65 pF differential and 0.95 pF
each pin to ground are isolated from the die capacitances by lead and bond wire inductances.
(6)
This parameter is guaranteed by design and is not tested in production.
10
Submit Documentation Feedback
Copyright © 2012, Texas Instruments Incorporated
Product Folder Links: ADC08D502


Numéro de pièce similaire - ADC08D502

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
ADC08D502 TI1-ADC08D502 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502CIYB-NOPB TI1-ADC08D502CIYB-NOPB Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502CIYB/NOPB TI1-ADC08D502CIYB/NOPB Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
ADC08D502 TI1-ADC08D502_15 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
More results

Description similaire - ADC08D502

FabricantNo de pièceFiches techniqueDescription
logo
Analog Devices
ADC08D500 AD-ADC08D500 Datasheet
877Kb / 33P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_08 Datasheet
992Kb / 38P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D500 TI1-ADC08D500 Datasheet
924Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08D500 NSC-ADC08D500_09 Datasheet
1Mb / 40P
   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08D502 TI1-ADC08D502_15 Datasheet
902Kb / 48P
[Old version datasheet]   High Performance, Low Power, Dual 8-Bit, 500 MSPS A/D Converter
logo
National Semiconductor ...
ADC08500 NSC-ADC08500_09 Datasheet
997Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 NSC-ADC08500 Datasheet
939Kb / 34P
   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
logo
Texas Instruments
ADC08500 TI1-ADC08500 Datasheet
858Kb / 46P
[Old version datasheet]   High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08500 TI1-ADC08500_14 Datasheet
856Kb / 46P
[Old version datasheet]   ADC08500 High Performance, Low Power 8-Bit, 500 MSPS A/D Converter
ADC08DL500 TI1-ADC08DL500_15 Datasheet
742Kb / 57P
[Old version datasheet]   Low Power, 8-Bit, Dual 500 MSPS A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com