Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

AM3359ZCZD72 Fiches technique(PDF) 1 Page - Texas Instruments

No de pièce AM3359ZCZD72
Description  AM335x ARM Cortex-A8 Microprocessors (MPUs)
Download  222 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TI1 [Texas Instruments]
Site Internet  http://www.ti.com
Logo TI1 - Texas Instruments

AM3359ZCZD72 Fiches technique(HTML) 1 Page - Texas Instruments

  AM3359ZCZD72 Datasheet HTML 1Page - Texas Instruments AM3359ZCZD72 Datasheet HTML 2Page - Texas Instruments AM3359ZCZD72 Datasheet HTML 3Page - Texas Instruments AM3359ZCZD72 Datasheet HTML 4Page - Texas Instruments AM3359ZCZD72 Datasheet HTML 5Page - Texas Instruments AM3359ZCZD72 Datasheet HTML 6Page - Texas Instruments AM3359ZCZD72 Datasheet HTML 7Page - Texas Instruments AM3359ZCZD72 Datasheet HTML 8Page - Texas Instruments AM3359ZCZD72 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 222 page
background image
AM3359, AM3358, AM3357
AM3356, AM3354, AM3352
www.ti.com
SPRS717D – OCTOBER 2011 – REVISED MAY 2012
AM335x ARM® Cortex™-A8 Microprocessors (MPUs)
Check for Samples: AM3359, AM3358
1
Device Summary
1.1
Features
1234567
– 32KB of L1 Instruction Cache with Single-
• Highlights
Error Detection (parity)
– 275-MHz, 500-MHz, 600-MHz, or 720-MHz
– 32KB of L1 Data Cache with Single Error-
ARM® Cortex™-A8 32-Bit RISC
Detection (parity)
Microprocessor
– 256KB of L2 Cache with Error Correcting
NEON™ SIMD Coprocessor
Code (ECC)
32KB/32KB of L1 Instruction/Data Cache
– 176KB of On-Chip Boot ROM
with Single-Error Detection (parity)
– 64KB of Dedicated RAM
256KB of L2 Cache with Error Correcting
Code (ECC)
– Emulation/Debug
– mDDR(LPDDR)/DDR2/DDR3 Support
JTAG
– General-Purpose Memory Support (NAND,
Embedded Trace Module
NOR, SRAM, etc.) Supporting Up to 16-bit
Embedded Trace Buffer
ECC
– Interrupt Controller (up to 128 interrupt
– SGX530 3D Graphics Engine
requests)
– LCD and Touchscreen Controller
• On-Chip Memory (Shared L3 RAM)
– Programmable Real-Time Unit and Industrial
– 64 KB of General-Purpose On-Chip Memory
Communication Subsystem (PRU-ICSS)
Controller (OCMC) RAM
– Real-Time Clock (RTC)
– Accessible to all Masters
– Up to Two USB 2.0 High-Speed OTG Ports
– Supports Retention for Fast Wake-Up
with Integrated PHY
• External Memory Interfaces (EMIF)
– 10/100/1000 Ethernet Switch Supporting Up
– mDDR/DDR2/DDR3 Controller:
to Two Ports
mDDR: 200-MHz Clock (400-MHz Data
– Serial Interfaces Including:
Rate)
Two Controller Area Network Ports (CAN)
DDR2: 266-MHz Clock (532-MHz Data
Six UARTs, Two McASPs, Two McSPI,
Rate)
and Three I2C Ports
DDR3: 303-MHz-MHz Clock (606-MHz Data
– 12-Bit Successive Approximation Register
Rate)
(SAR) ADC
16-Bit Data Bus
– Up to Three 32-Bit Enhanced Capture
1 GB of Total Addressable Space
Modules (eCAP)
Supports One x16 or Two x8 Memory
– Up to Three Enhanced High-Resolution PWM
Device Configurations
Modules (eHRPWM)
Supports Retention for Fast Wake-Up
– Crypto Hardware Accelerators (AES, SHA,
– General-Purpose Memory Controller (GPMC)
PKA, RNG)
Flexible 8/16-Bit Asynchronous Memory
Interface with Up to seven Chip Selects
• MPU Subsystem
(NAND, NOR, Muxed-NOR, SRAM, etc.)
– 275-MHz, 500-MHz, 600-MHz, or 720-MHz
Uses BCH Code to Support 4-Bit, 8-Bit, or
ARM® Cortex™-A8 32-Bit RISC
16-Bit ECC
Microprocessor
Uses Hamming Code to Support 1-Bit
– NEON™ SIMD Coprocessor
ECC
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
SmartReflex, DSP/BIOS, XDS are trademarks of Texas Instruments.
3
Cortex, NEON are trademarks of ARM Ltd or its subsidiaries.
4
ARM is a registered trademark of ARM Ltd or its subsidiaries.
5
EtherCAT is a registered trademark of EtherCAT Technology Group.
6
POWERVR SGX is a trademark of Imagination Technologies Limited.
7
All other trademarks are the property of their respective owners.
PRODUCT PREVIEW information concerns products in the formative or design phase of
Copyright © 2011–2012, Texas Instruments Incorporated
development. Characteristic data and other specifications are design goals. Texas
Instruments reserves the right to change or discontinue these products without notice.


Numéro de pièce similaire - AM3359ZCZD72

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM3359ZCZD72 TI1-AM3359ZCZD72 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
More results

Description similaire - AM3359ZCZD72

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
AM3359 TI1-AM3359 Datasheet
1Mb / 162P
[Old version datasheet]   AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3352BZCZ100 TI1-AM3352BZCZ100 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_14 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara AM335x ARM Cortex-A8 Microprocessors (MPUs)
AM3359 TI-AM3359_12 Datasheet
2Mb / 195P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI1-AM3359_12 Datasheet
2Mb / 197P
[Old version datasheet]   AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3359 TI-AM3359_13 Datasheet
2Mb / 236P
[Old version datasheet]   Sitara??AM335x ARM짰 Cortex??A8 Microprocessors (MPUs)
AM3874 TI1-AM3874 Datasheet
2Mb / 345P
[Old version datasheet]   AM387x Sitara ARM Microprocessors (MPUs)
AM3892 TI-AM3892 Datasheet
1Mb / 299P
[Old version datasheet]   AM389x Sitara ARM Microprocessors (MPUs)
logo
List of Unclassifed Man...
A10S ETC2-A10S Datasheet
1Mb / 82P
   ARM Cortex-A8 Core
A13 ETC2-A13 Datasheet
1Mb / 55P
   ARM Cortex A8 Core
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com