Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

FP-2R5CM221M-VAR Datasheet(Fiches technique) 2 Page - Nichicon corporation

Numéro de pièce FP-2R5CM221M-VAR
Description  Functional Polymer Aluminum Solid Electrolytic Capacitors
Télécharger  2 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  NICHICON [Nichicon corporation]
Site Internet  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

FP-2R5CM221M-VAR Datasheet(HTML) 2 Page - Nichicon corporation

  FP-2R5CM221M-VAR Datenblatt HTML 1Page - Nichicon corporation FP-2R5CM221M-VAR Datasheet HTML 2Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
NICHICON CORPORATION / FPCAP ELECTRONICS (SUZHOU) CO., LTD.
Frequency Characteristics
* In case of some doubt about measured values, measure after applying rated voltage for 120 minutes at 105
°C.
Part number & Specifications
Part Number (EX) 6.3V, 100μF, VA series
Nichicon P/N
Rated
Voltage
Rated
Capacitance
Leakage
Current*
tanδ
ESR
Rated Ripple
Current
Size
MSL
(V)
(μF, 120Hz)
NICHICON
FPCAP
(μA, 2 min)
(120Hz)
(mΩ,
100kHz)
(mA, r.m.s.)
L×W×H(mm)
(J-STD-020D)
220
RVA0E221MNG
FP-2R5CM221M-VAR
700
0.12
18
2600
7.3 × 4.3 × 2.8
Level 3
220
RVB0E221MNG
FP-2R5CM221M-VBR
700
0.12
15
2800
7.3 × 4.3 × 2.8
Level 3
150
RVA0G151MNG
FP-4R0CM151M-VAR
700
0.12
18
2600
7.3 × 4.3 × 2.8
Level 3
150
RVB0G151MNG
FP-4R0CM151M-VBR
700
0.12
15
2800
7.3 × 4.3 × 2.8
Level 3
100
RVA0J101MNG
FP-6R3CM101M-VAR
700
0.12
25
2000
7.3 × 4.3 × 2.8
Level 3
100
RVB0J101MNG
FP-6R3CM101M-VBR
700
0.12
20
2400
7.3 × 4.3 × 2.8
Level 3
27
RVA1C270MNG
FP-016CM270M-VAR
216
0.12
55
1100
7.3 × 4.3 × 2.8
Level 3
33
RVA1C330MNG
FP-016CM330M-VAR
264
0.12
55
1100
7.3 × 4.3 × 2.8
Level 3
25
15
RVA1E150MNG
FP-025CM150M-VAR
188
0.12
60
1000
7.3 × 4.3 × 2.8
Level 3
16
Part Number
6.3
4.0
2.5
N
R
VA
0J
101
M
G
Type
Series name
Rated
Capacitance
Capacitance
Tolerance
Rated
Voltage
VA
FP
6R3
CM
101
M
R
Rated Voltage
Rated
Capacitance
Capacitance
Tolerance
Series name
FPCAP P/N
Control code
Control code
Taping
code
Taping
code
Commodity
Mark
Classification
Size Code
(N: 7.3
×4.3×2.8)
1
10
100
1000
10000
0.1
1
10
100
1000
10000
6.3V100μF (VA series)
1
10
100
1000
10000
100000
0.1
1
10
100
1000
10000
6.3V100μF (VA series)
Frequency (kHz)
Frequency (kHz)
41


Html Pages

1  2