Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G34SE-7 Fiches technique(PDF) 5 Page - Diodes Incorporated

No de pièce 74AUP1G34SE-7
Description  SINGLE BUFFER GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G34SE-7 Fiches technique(HTML) 5 Page - Diodes Incorporated

  74AUP1G34SE-7 Datasheet HTML 1Page - Diodes Incorporated 74AUP1G34SE-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G34SE-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G34SE-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G34SE-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G34SE-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G34SE-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G34SE-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G34SE-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
74AUP1G34
Document number: DS35155 Rev. 1 - 2
5 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G34
Electrical Characteristics (cont.) (@TA = +25°C, unless otherwise specified.)
Symbol
Parameter
Test Conditions
VCC
TA = -40°C to +125°C
Unit
Min
Max
VIH
High-Level Input
Voltage
0.8V to 1.65V
0.80 X VCC
V
1.65V to 1.95V
0.70 X VCC
2.3V to 2.7V
1.6
3.0V to 3.6V
2.0
VIL
Low-Level Input
Voltage
0.8V to 1.65V
0.25 X VCC
V
1.65V to 1.95V
0.30 X VCC
2.3V to 2.7V
0.7
3.0V to 3.6V
0.9
VOH
High-Level
Output Voltage
IOH = -20μA
0.8V to 3.6V
VCC – 0.11
V
IOH = -1.1mA
1.1V
0.6 X VCC
IOH = -1.7mA
1.4V
0.93
IOH = -1.9mA
1.65V
1.17
IOH = -2.3mA
2.3V
1.77
IOH = -3.1mA
1.67
IOH = -2.7mA
3V
2.40
IOH = -4mA
2.30
VOL
High-Level Input
Voltage
IOL = 20μA
0.8V to 3.6V
0.11
V
IOL = 1.1mA
1.1V
0.33 X VCC
IOL = 1.7mA
1.4V
0.41
IOL = 1.9mA
1.65V
0.39
IOL = 2.3mA
2.3V
0.36
IOL = 3.1mA
0.50
IOL = 2.7mA
3V
0.36
IOL = 4mA
0.50
II
Input Current
A or B Input
VI = GND to 3.6V
0 to 3.6V
±0.75
μA
IOFF
Power Down
Leakage Current
VI or VO = 0 to 3.6V
0
±3.5
μA
ΔIOFF
Delta Power
Down Leakage
Current
VI or VO = 0 to 3.6V
0 to 0.2 V
±2.5
μA
ICC
Supply Current
VI = GND or VCC, IO = 0
0.8V to 3.6V
3.0
μA
ΔICC
Additional Supply
Current
Input at VCC -0.6V Other
inputs at VCC or GND
3.3V
75
μA


Numéro de pièce similaire - 74AUP1G34SE-7

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G34 NXP-74AUP1G34 Datasheet
91Kb / 15P
   Low-power buffer
Rev. 03-14 August 2008
logo
Nexperia B.V. All right...
74AUP1G34 NEXPERIA-74AUP1G34 Datasheet
277Kb / 19P
   Low-power buffer
Rev. 10 - 20 January 2022
logo
NXP Semiconductors
74AUP1G34-Q100 NXP-74AUP1G34-Q100 Datasheet
109Kb / 14P
   Low-power buffer
Rev. 1-26 March 2013
logo
Nexperia B.V. All right...
74AUP1G34-Q100 NEXPERIA-74AUP1G34-Q100 Datasheet
219Kb / 13P
   Low-power buffer
Rev. 3 - 20 January 2022
logo
NXP Semiconductors
74AUP1G34GF NXP-74AUP1G34GF Datasheet
91Kb / 15P
   Low-power buffer
Rev. 03-14 August 2008
More results

Description similaire - 74AUP1G34SE-7

FabricantNo de pièceFiches techniqueDescription
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34_10 Datasheet
820Kb / 19P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74LVC3G34G-S08-R UTC-U74LVC3G34G-S08-R Datasheet
197Kb / 5P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_V01 Datasheet
205Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34_15 Datasheet
201Kb / 6P
   SINGLE BUFFER GATE
U74LVC1G34 UTC-U74LVC1G34 Datasheet
185Kb / 6P
   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34Q DIODES-74LVC1G34Q Datasheet
518Kb / 9P
   SINGLE BUFFER GATE
June 2020 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G34 TI-SN74LVC1G34 Datasheet
371Kb / 14P
[Old version datasheet]   SINGLE BUFFER GATE
logo
Diodes Incorporated
74LVC1G34 DIODES-74LVC1G34 Datasheet
438Kb / 15P
   SINGLE BUFFER GATE
logo
Unisonic Technologies
U74AHC1G125 UTC-U74AHC1G125_15 Datasheet
241Kb / 6P
   SINGLE BUS BUFFER GATE
U74AHC1G126 UTC-U74AHC1G126_15 Datasheet
240Kb / 6P
   SINGLE BUS BUFFER GATE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com