Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

DM-111A Datasheet(Fiches technique) 6 Page - Sony Corporation

Numéro de pièce DM-111A
Description  Magneto-Resistance Element
Télécharger  7 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

DM-111A Datasheet(HTML) 6 Page - Sony Corporation

  DM-111A Datenblatt HTML 1Page - Sony Corporation DM-111A Datenblatt HTML 2Page - Sony Corporation DM-111A Datenblatt HTML 3Page - Sony Corporation DM-111A Datenblatt HTML 4Page - Sony Corporation DM-111A Datenblatt HTML 5Page - Sony Corporation DM-111A Datasheet HTML 6Page - Sony Corporation DM-111A Datenblatt HTML 7Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
—6—
DM-111A
Midpoint potential vs. Magnetic field Intensity
10000
20000
0
2.45
2.46
2.47
H-Revoluing magnetic field intensity (Oe)
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
VCC=5V
Ta=25˚C
Midpoint potential vs. Magnetic-flux Incidence
0
2.45
2.46
2.47
θ-Direction of magnetic-flux Incidence (deg)
2.48
2.49
2.50
2.51
2.52
2.53
2.54
2.55
1.VCC=5V
2. Output
3. GND
H=4000A/m
Ta=25˚C
111A
1 2 3
θ
45
90
135
180
225
Output voltage vs. Magnetic fiels Intensity
10000
20000
0
20
H-Revolving magnetic field intensity (Oe)
40
60
80
100
VCC=5V
Ta=25˚C
0
Total resistance, output voltage vs. Temperature
0
10
20
Ta-Ambient temperature (˚C)
30
40
50
60
70
80
90
100
H=4000A/m
(Revolving magnetic fiels)
–50 –25
0
25
50
75 100 125 150
RT
VO
400
500
600
700
800
900
Example Representative Characteristics


Html Pages

1  2  3  4  5  6  7 


Datasheet Download

Go To PDF Page

Numéro de composants électroniques

Numéro de pièceDescription des composantsHtml ViewFabricant
LHI1148Quad Element Detector LHi 1148 1 PerkinElmer Optoelectronics
PM862020G Narrowband Switch Element 1 2 3 4 PMC-Sierra, Inc
DS11005-Tap Economy Timing Element Delay Line 1 2 3 4 5 MoreDallas Semiconductor
LHI1548Twin win Element Detector LHi 1 PerkinElmer Optoelectronics
HW-104AHigh-sensitivity InSb Hall element 1 2 List of Unclassifed Manufacturers
MAANAT0144Single Element RFID Antenna - North America Circular Polarized 902-928 MHz 1 2 Tyco Electronics
LM3812Precision Current Gauge IC with Ultra Low Loss Sense Element and PWM Output 1 2 3 4 5 MoreNational Semiconductor (TI)
LHI1448Twin win Element Detector LHi 1448 1 PerkinElmer Optoelectronics
TL16C450ASYNCHRONOUS COMMUNICATIONS ELEMENT 1 2 3 4 5 MoreTexas Instruments
DS1100L3.3V 5-Tap Economy Timing Element Delay Line 1 2 3 4 5 MoreDallas Semiconductor

Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn