Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G09FZ4-7 Fiches technique(PDF) 1 Page - Diodes Incorporated

No de pièce 74AUP1G09FZ4-7
Description  SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G09FZ4-7 Fiches technique(HTML) 1 Page - Diodes Incorporated

  74AUP1G09FZ4-7 Datasheet HTML 1Page - Diodes Incorporated 74AUP1G09FZ4-7 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G09FZ4-7 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G09FZ4-7 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G09FZ4-7 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G09FZ4-7 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G09FZ4-7 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G09FZ4-7 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G09FZ4-7 Datasheet HTML 9Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
74AUP1G09
Document number: DS35151 Rev. 1- 2
1 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G09
SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
Description
The Advanced Ultra Low Power (AUP) CMOS logic family is
designed for low power and extended battery life in portable
applications.
The AUP1G09 is a single AND gate with an open drain output
designed for operation over a power supply range of 0.8V to 3.6V.
The device is fully specified for partial power down applications
using IOFF. The IOFF circuitry disables the output preventing
damaging current backflow when the device is powered down. The
gate performs the positive Boolean function:
B
A
Y
=
or
B
A
Y
+
=
Features
Advanced Ultra Low Power (AUP) CMOS
Supply Voltage Range from 0.8V to 3.6V
4mA Output Drive at 3.0V
Low Static power consumption
Icc < 0.9µA
Low Dynamic Power Consumption
CPD = 6 pF (Typical at 3.6V)
Schmitt Trigger Action at All Inputs Make the Circuit Tolerant
for Slower Input Rise and Fall Time.
The hysteresis is
typically 250 mV at VCC = 3.0V
IOFF Supports Partial-Power-Down Mode Operation
ESD Protection Exceeds JESD 22
2000-V Human Body Model (A114-A)
Exceeds 1000-V Charged Device Model (C101C)
Latch-Up Exceeds 100mA per JESD 78, Class II
Range of Package Options SOT353, DFN1410, and DFN1010
Leadless packages per JESD30E
DFN1010 denoted as X2-DFN1010-6
DFN1014 denoted as X2-DFN1014-6
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
 
Pin Assignments
Applications
Suited for battery and low power needs
Wide array of products such as:
Tablets, E-readers
Cell Phones, Personal Navigation / GPS
MP3 players ,Cameras, Video Recorders
PCs ultrabooks, notebooks, netbooks,
Computer peripherals, hard drives, CD/DVD ROM
TV, DVD, DVR, set top box
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green" and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
Click here for ordering information, located at the end of datasheet


Numéro de pièce similaire - 74AUP1G09FZ4-7

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G09 NXP-74AUP1G09 Datasheet
90Kb / 15P
   Low-power 2-input AND gate with open-drain
Rev. 01-15 January 2009
logo
Nexperia B.V. All right...
74AUP1G09 NEXPERIA-74AUP1G09 Datasheet
262Kb / 17P
   Low-power 2-input AND gate with open-drain
Rev. 7 - 14 January 2022
74AUP1G09-Q100 NEXPERIA-74AUP1G09-Q100 Datasheet
214Kb / 12P
   Low-power 2-input AND gate with open-drain
Rev. 3 - 14 January 2022
logo
NXP Semiconductors
74AUP1G09GF NXP-74AUP1G09GF Datasheet
90Kb / 15P
   Low-power 2-input AND gate with open-drain
Rev. 01-15 January 2009
74AUP1G09GM NXP-74AUP1G09GM Datasheet
90Kb / 15P
   Low-power 2-input AND gate with open-drain
Rev. 01-15 January 2009
More results

Description similaire - 74AUP1G09FZ4-7

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74AHC1G09 DIODES-74AHC1G09 Datasheet
335Kb / 9P
   SINGLE 2 INPUT POSITIVE AND GATE WITH OPEN DRAIN OUTPUT
logo
Unisonic Technologies
U74LVC1G09 UTC-U74LVC1G09 Datasheet
183Kb / 5P
   SINGLE 2-INPUT POSITIVE-AND GATE WITH OPEN-DRAIN OUTPUT
logo
Texas Instruments
SN74AHC1G09 TI1-SN74AHC1G09_16 Datasheet
898Kb / 20P
[Old version datasheet]   Single 2?밒nput Positive-AND Gate With Open-Drain Output
SN74AHC1G09-Q1 TI-SN74AHC1G09-Q1_V01 Datasheet
1,002Kb / 22P
[Old version datasheet]   SN74AHC1G09-Q1 Automotive Single 2–Input Positive-AND Gate With Open-Drain Output
REVISED OCTOBER 2023
SN74AHC1G09-Q1 TI-SN74AHC1G09-Q1 Datasheet
816Kb / 19P
[Old version datasheet]   SN74AHC1G09-Q1 Automotive Single 2–Input Positive-AND Gate With Open-Drain Output
MAY 2023
logo
E-Tech Electronics LTD
MC74VHC1G09 ETL-MC74VHC1G09 Datasheet
576Kb / 4P
   2-Input AND Gate with Open Drain Output
logo
ON Semiconductor
MC74VHC1G09 ONSEMI-MC74VHC1G09 Datasheet
195Kb / 8P
   2-Input AND Gate with Open Drain Output
October, 1999 ??Rev. 0.0
MC74VHC1G09 ONSEMI-MC74VHC1G09_13 Datasheet
132Kb / 6P
   2-Input AND Gate with Open Drain Output
October, 2013 ??Rev. 18
MC74VHC1G09 ONSEMI-MC74VHC1G09_V01 Datasheet
165Kb / 14P
   2-Input AND Gate with Open Drain Output
April, 2022 ??Rev. 22
logo
Leshan Radio Company
L74VHC1G09 LRC-L74VHC1G09 Datasheet
221Kb / 6P
   2-Input AND Gate with Open Drain Output
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com