Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

74AUP1G02 Fiches technique(PDF) 6 Page - Diodes Incorporated

No de pièce 74AUP1G02
Description  SINGLE 2 INPUT POSITIVE NOR GATE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  DIODES [Diodes Incorporated]
Site Internet  http://www.diodes.com
Logo DIODES - Diodes Incorporated

74AUP1G02 Fiches technique(HTML) 6 Page - Diodes Incorporated

Back Button 74AUP1G02 Datasheet HTML 2Page - Diodes Incorporated 74AUP1G02 Datasheet HTML 3Page - Diodes Incorporated 74AUP1G02 Datasheet HTML 4Page - Diodes Incorporated 74AUP1G02 Datasheet HTML 5Page - Diodes Incorporated 74AUP1G02 Datasheet HTML 6Page - Diodes Incorporated 74AUP1G02 Datasheet HTML 7Page - Diodes Incorporated 74AUP1G02 Datasheet HTML 8Page - Diodes Incorporated 74AUP1G02 Datasheet HTML 9Page - Diodes Incorporated 74AUP1G02 Datasheet HTML 10Page - Diodes Incorporated Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 11 page
background image
74AUP1G02
Document number: DS35146 Rev. 1- 2
6 of 11
www.diodes.com
August 2012
© Diodes Incorporated
74AUP1G02
Switching Characteristics
CL = 5pF see Figure 1
Parameter
From
Input
TO
OUTPUT
Vcc
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A or B
Y
0.8V
17.0
ns
1.2V ± 0.1V
2.5
5.1
10.8
2.1
12.1
2.1
13.4
1.5V ± 0.1V
1.6
3.7
6.7
1.4
7.8
1.4
8.6
1.8V ± 0.15V
1.3
3.0
5.3
1.1
6.2
1.1
6.9
2.5V ± 0.2V
1.0
2.4
3.9
0.9
4.6
0.9
5.1
3.3V ± 0.3V
1.0
2.2
3.4
0.8
4.0
0.8
4.4
CL = 10pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A or B
Y
0.8V
20.4
ns
1.2V ± 0.1V
2.4
6.0
12.8
2.2
14.3
2.2
15.8
1.5V ± 0.1V
1.9
4.3
7.9
1.7
9.2
1.7
10.2
1.8V ± 0.15V
1.6
3.6
6.2
1.5
7.3
1.5
8.1
2.5V ± 0.2V
1.4
3.0
4.7
1.2
5.6
1.2
6.2
3.3 V ± 0.3V
1.3
2.7
4.2
1.2
5.0
1.2
5.5
CL = 15pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A or B
Y
0.8V
23.9
ns
1.2V ± 0.1V
3.4
6.8
14.6
3.1
16.4
3.1
18.1
1.5V ± 0.1V
2.3
4.8
8.9
2.0
10.4
2.0
11.5
1.8V ± 0.15V
1.9
4.0
7.0
1.7
8.3
1.7
9.2
2.5V ± 0.2V
1.7
3.4
5.4
1.5
6.3
1.5
7.0
3.3V ± 0.3V
1.6
3.2
4.8
1.4
5.7
1.4
6.3
CL = 30pF see Figure 1
Parameter
From
Input
TO
OUTPUT
VCC
TA = +25°C
TA = -40°C to +85°C
TA = -40°C to +125°C
Unit
Min
Typ
Max
Min
Max
Min
Max
tpd
A or B
Y
0.8V
34.2
ns
1.2V ± 0.1V
4.6
19.0
22.0
4.1
22.4
4.1
24.7
1.5V ± 0.1V
3.4
6.4
11.8
2.9
13.9
2.9
15.3
1.8V ± 0.15V
2.6
5.3
9.3
2.3.
11.1
2.3.
12.3
2.5V ± 0.2V
2.4
4.5
7.1
2.1
8.5
2.1
9.4
3.3V ± 0.3V
2.0
2.9
6.4
2.1
7.7
2.1
8.5


Numéro de pièce similaire - 74AUP1G02

FabricantNo de pièceFiches techniqueDescription
logo
NXP Semiconductors
74AUP1G02 NXP-74AUP1G02 Datasheet
415Kb / 21P
   Low-power 2-input NOR gate
Rev. 6 ??27 June 2012
logo
Nexperia B.V. All right...
74AUP1G02 NEXPERIA-74AUP1G02 Datasheet
274Kb / 18P
   Low-power 2-input NOR gate
Rev. 9 - 13 January 2022
74AUP1G02-Q100 NEXPERIA-74AUP1G02-Q100 Datasheet
691Kb / 15P
   Low-power 2-input NOR gate
logo
NXP Semiconductors
74AUP1G02GF NXP-74AUP1G02GF Datasheet
415Kb / 21P
   Low-power 2-input NOR gate
Rev. 6 ??27 June 2012
74AUP1G02GM NXP-74AUP1G02GM Datasheet
415Kb / 21P
   Low-power 2-input NOR gate
Rev. 6 ??27 June 2012
More results

Description similaire - 74AUP1G02

FabricantNo de pièceFiches techniqueDescription
logo
Diodes Incorporated
74LVCE1G02 DIODES-74LVCE1G02 Datasheet
274Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32211 Rev. 2 - 2
74AHCT1G02 DIODES-74AHCT1G02 Datasheet
190Kb / 8P
   SINGLE 2 INPUT POSITIVE NOR GATE
logo
Texas Instruments
SN74LVC1G02DSFR TI1-SN74LVC1G02DSFR Datasheet
1,021Kb / 22P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHCT1G02DCKT TI-SN74AHCT1G02DCKT Datasheet
816Kb / 13P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHC1G02 TI-SN74AHC1G02_08 Datasheet
442Kb / 12P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74AHCT1G02 TI-SN74AHCT1G02 Datasheet
68Kb / 5P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74LVC1G02_1012 DIODES-74LVC1G02_1012 Datasheet
245Kb / 14P
   SINGLE 2 INPUT POSITIVE NOR GATE
DS32197 Rev. 2 - 2
logo
Texas Instruments
SN74LVC1G02 TI-SN74LVC1G02_08 Datasheet
559Kb / 15P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE NOR-GATE
SN74AHC1G02-EP TI1-SN74AHC1G02-EP_16 Datasheet
739Kb / 10P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
SN74LVC1G02-EP TI1-SN74LVC1G02-EP Datasheet
545Kb / 14P
[Old version datasheet]   SINGLE 2-INPUT POSITIVE-NOR GATE
logo
Diodes Incorporated
74AHCT1G02Q DIODES-74AHCT1G02Q Datasheet
509Kb / 9P
   SINGLE 2-INPUT POSITIVE NOR GATE
August 2020 Rev. 1 - 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com