Moteur de recherche de fiches techniques de composants électroniques |
|
SS1881LUA Fiches technique(PDF) 5 Page - SEC Electronics Inc. |
|
SS1881LUA Fiches technique(HTML) 5 Page - SEC Electronics Inc. |
5 / 9 page SS1881 Hall Latch - High Sensitivity 5 V2.00 May.1, 2012 Magnetic Specifications DC Operating Parameters VDD = 2.5V to 24V (unless otherwise specified) Parameter Symbol Test Conditions Min Typ Max Units Operating Point BOP 15 30 45 G Release Point BRP -45 -30 -15 G Hysteresis BHYS E spec., TA = 85°C 45 60 75 G Operating Point BOP 15 30 50 G Release Point BRP -50 -30 -15 G Hysteresis BHYS K spec., TA = 125°C 45 60 75 G Operating Point BOP 10 30 55 G Release Point BRP -55 -30 -10 G Hysteresis BHYS L spec., TA = 150°C 40 60 80 G Magnetic specifications Output Behaviour versus Magnetic Pole DC Operating Parameters TA = -40 C to 150 C, VDD = 2.5V to 24V (unless otherwise specified) Parameter Test Conditions (SE) OUT (SE) Test Conditions (UA) OUT (UA) South pole B < BRP High B > BOP Low North pole B > BOP Low B < BRP High Output behaviour versus magnetic pole |
Numéro de pièce similaire - SS1881LUA |
|
Description similaire - SS1881LUA |