Moteur de recherche de fiches techniques de composants électroniques
Selected language     French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

SM-BM50 Datasheet(Fiches technique) 1 Page - Mini-Circuits

Numéro de pièce SM-BM50
Description  SMA-M to BNC-M
Télécharger  1 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Fabricant  MINI [Mini-Circuits]
Site Internet  http://www.minicircuits.com
Logo MINI - Mini-Circuits

SM-BM50 Datasheet(HTML) 1 Page - Mini-Circuits

  SM-BM50 Datasheet HTML 1Page - Mini-Circuits  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ISO 9001 ISO 14001 AS 9100 CERTIFIED
Mini-Circuits®
P.O. Box 350166, Brooklyn, New York 11235-0003 (718) 934-4500 Fax (718) 332-4661 The Design Engineers Search Engine
Provides ACTUAL Data Instantly at
®
Notes: 1. Performance and quality attributes and conditions not expressly stated in this specification sheet are intended to be excluded and do not form a part of this specification sheet. 2. Electrical specifications
and performance data contained herein are based on Mini-Circuit’s applicable established test performance criteria and measurement instructions. 3. The parts covered by this specification sheet are subject to
Mini-Circuits standard limited warranty and terms and conditions (collectively, “Standard Terms”); Purchasers of this part are entitled to the rights and benefits contained therein. For a full statement of the Standard
Terms and the exclusive rights and remedies thereunder, please visit Mini-Circuits’ website at www.minicircuits.com/MCLStore/terms.jsp.
For detailed performance specs
& shopping online see web site
minicircuits.com
IF/RF MICROWAVE COMPONENTS
Frequency
(MHz)
Insertion Loss
(dB)
VSWR
(:1)
SMA-M
BNC-M
A
B
C
D
E
wt
.312
.57
--
1.25
--
grams
7.92
14.48
--
31.75
--
15.0
Typical Performance Data
Maximum Ratings
Operating Temperature
-55°C to 100°C
Storage Temperature
-55°C to 100°C
Outline Dimensions (
)
inch
mm
SM-BM50+
50Ω
DC to 2 GHz
Adapter, SMA-M to BNC-M
REV. A
M98898
SM-BM50+
ED-11362/5
RS/TD/CP
090728
Coaxial
Features
• flatresponse
• excellentVSWR
• lowcostadapters,availablefromstock
• brassbody,nickelplated
Applications
•interconnectionofRFcablesandequipment
• testing
Outline Drawing
CASE STYLE: DJ1022
Connectors
Model
Price
Qty.
Conn1
Conn2
SMA-M
BNC-M
SM-BM50+
$3.95 ea.
(1-49)
FREQUENCY
(GHz)
INSERTION LOSS
(dB)
VSWR (:1)
Max.
f
L-fU
Typ.
DC-2
GHz
DC-2
0.05
1.20
Electrical Specifications T
AMB=25°C
SM-BM50+
INSERTION LOSS
0.00
0.02
0.04
0.06
0.08
0.10
0
400
800
1200
1600
2000
FREQUENCY(MHz)
SM-BM50+
VSWR
1.00
1.05
1.10
1.15
1.20
1.25
1.30
1.35
1.40
0
400
800
1200
1600
2000
FREQUENCY(MHz)
SMA-M
BNC-M
1.00
0.00
1.00
1.00
10.00
0.00
1.00
1.00
20.00
0.00
1.00
1.00
40.00
0.01
1.01
1.00
50.00
0.01
1.01
1.00
60.00
0.01
1.01
1.01
70.00
0.01
1.01
1.01
80.00
0.01
1.01
1.01
90.00
0.01
1.01
1.01
100.00
0.01
1.01
1.01
200.00
0.01
1.02
1.01
400.00
0.02
1.03
1.01
600.00
0.03
1.03
1.01
800.00
0.04
1.04
1.01
1000.00
0.04
1.05
1.00
1200.00
0.04
1.06
1.01
1400.00
0.04
1.08
1.01
1600.00
0.05
1.10
1.02
1800.00
0.04
1.11
1.02
2000.00
0.05
1.12
1.03
Permanentdamagemayoccurifanyoftheselimitsare
exceeded.
+RoHS Compliant
The +Suffix identifies RoHS Compliance. See our web site
for RoHS Compliance methodologies and qualifications


Html Pages

1 


Datasheet Download

Go To PDF Page


Lien URL



Privacy Policy
ALLDATASHEET.FR
AllDATASHEET vous a-t-il été utile ?   [ DONATE ]  

À propos de Alldatasheet   |   Publicit   |   Contactez-nous   |   Politique de confidentialit   |   Echange de liens   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn