Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

SMAJ200A Fiches technique(PDF) 3 Page - Littelfuse

No de pièce SMAJ200A
Description  TVS Diode Products
Download  146 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  LITTELFUSE [Littelfuse]
Site Internet  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SMAJ200A Fiches technique(HTML) 3 Page - Littelfuse

  SMAJ200A Datasheet HTML 1Page - Littelfuse SMAJ200A Datasheet HTML 2Page - Littelfuse SMAJ200A Datasheet HTML 3Page - Littelfuse SMAJ200A Datasheet HTML 4Page - Littelfuse SMAJ200A Datasheet HTML 5Page - Littelfuse SMAJ200A Datasheet HTML 6Page - Littelfuse SMAJ200A Datasheet HTML 7Page - Littelfuse SMAJ200A Datasheet HTML 8Page - Littelfuse SMAJ200A Datasheet HTML 9Page - Littelfuse Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 146 page
background image
35
7
tection
folio
OVERCURRENT
PROTECTION
TECHNOLOGIES (7-8)
In addition to our broad portfolio
of circuit protection technologies,
we offer an array of fuse holders
including circuit board, panel
or in-line wire mounted devices
to support a wide range of
application requirements.
4
ACCESSORIES
68
Switching Thyristors—
Solid-state switches used to
control the flow of electrical
current in applications, capable
of withstanding rated blocking/
off-state voltage until triggered
to on-state.
SWITCHING
TECHNOLOGIES
Supplies Lighting General Electronics
www.littelfuse.com for more information.
7. Positive Temperature
Coefficient Devices (PTCs)—
Provide resettable overcurrent
protection for a wide range of
applications.
8. Fuses — Full range including
surface mount, axial, glass or
ceramic, thin-film or Nano
style, fast-acting or SloBlo®,
MINI® and ATO® fuses.


Numéro de pièce similaire - SMAJ200A

FabricantNo de pièceFiches techniqueDescription
logo
Littelfuse
SMAJ200A LITTELFUSE-SMAJ200A Datasheet
174Kb / 4P
   Silicon Avalanche Diodes - 400W Surface Mount Transient Voltage Supressors
logo
Shenzhen Luguang Electr...
SMAJ200A LUGUANG-SMAJ200A Datasheet
2Mb / 4P
   Transient Voltage Suppressors
logo
Socay Electornics Co., ...
SMAJ200A SOCAY-SMAJ200A Datasheet
621Kb / 7P
   Surface Mount Transient Voltage Suppressors (TVS)
logo
Shenzhen Luguang Electr...
SMAJ200A LUGUANG-SMAJ200A Datasheet
226Kb / 4P
   400Watts Surface Mount Transient Voltage Suppressor
logo
First Silicon Co., Ltd
SMAJ200A FS-SMAJ200A Datasheet
191Kb / 5P
   Transient Voltage Suppressor Diodes
More results

Description similaire - SMAJ200A

FabricantNo de pièceFiches techniqueDescription
logo
Unisonic Technologies
USD03W UTC-USD03W Datasheet
128Kb / 4P
   SINGLE LINE TVS DIODE ESD PROTECTION ELECTRONICS PRODUCTS
logo
Bourns Electronic Solut...
ESD1204 BOURNS-ESD1204 Datasheet
122Kb / 1P
   Bourns Releases New Power TVS (PTVS) Products
CD143A_MDS BOURNS-CD143A_MDS Datasheet
184Kb / 1P
   CD143A Series Diode Products
logo
AUK corp
SDT05SF AUK-SDT05SF Datasheet
168Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010 TOREX-XBP1010 Datasheet
189Kb / 5P
   TVS Diode
XBP1011 TOREX-XBP1011 Datasheet
187Kb / 5P
   TVS Diode
logo
KODENSHI_AUK CORP.
SDT05H KODENSHI-SDT05H Datasheet
174Kb / 4P
   TVS Diode
logo
AUK corp
SDT05SF AUK-SDT05SF_1 Datasheet
230Kb / 4P
   TVS Diode
SDT12SF AUK-SDT12SF_1 Datasheet
55Kb / 3P
   TVS Diode
logo
Torex Semiconductor
XBP1010-12 TOREX-XBP1010-12 Datasheet
189Kb / 5P
   TVS Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com