Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

7427809 Fiches technique(PDF) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

No de pièce 7427809
Description  WE-FLAT Ferrite for Flexible Printed Circuit Boards
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  WURTH [Wurth Elektronik GmbH & Co. KG, Germany.]
Site Internet  http://www.we-online.com
Logo WURTH - Wurth Elektronik GmbH & Co. KG, Germany.

7427809 Fiches technique(HTML) 1 Page - Wurth Elektronik GmbH & Co. KG, Germany.

  7427809 Datasheet HTML 1Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427809 Datasheet HTML 2Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427809 Datasheet HTML 3Page - Wurth Elektronik GmbH & Co. KG, Germany. 7427809 Datasheet HTML 4Page - Wurth Elektronik GmbH & Co. KG, Germany.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
4.0
3.0
REV
2012-09-25
2006-10-11
DATE
SSt
SMu
BY
SMu
-
CHECKED
Würth Elektronik eiSos GmbH & Co. KG
EMC & Inductive Solutions
Max-Eyth-Str. 1
74638 Waldenburg
Germany
Tel. +49 (0) 79 42 945 - 0
www.we-online.com
eiSos@we-online.com
DESCRIPTION
WE-FLAT Ferrite for Flexible Printed Circuit
Boards
Order.- No.
7427809
SIZE
A4
A Dimensions: [mm]
B Applicable Cable Diameter: [mm]
D Electrical Properties:
Properties
Impedance @ 25 MHz 1 turn
Impedance @ 100 MHz 1 turn
Test conditions
25 MHz
100 MHz
Z
Z
Value
22
50
Unit
Ω
Ω
Tol.
±25%
±25%
E General information:
Storage Temperature (before assembly): -20°C to +60°C
Operating Temperature: -25°C to +125°C
Test conditions of Electrical Properties: 20°C, 33% RH
if not specified differentlyly
This electronic component has been designed and developed for usage in general electronic equipment only. This product is not authorized for use in equipment where a higher safety standard and reliability standard is especially required or where a failure of the product is reasonably expected to cause severe personal injury or death, unless the parties have executed an agreement specifically governing such use.
Moreover Würth Elektronik eiSos GmbH & Co KG products are neither designed nor intended for use in areas such as military, aerospace, aviation, nuclear control, submarine, transportation (automotive control, train control, ship control), transportation signal, disaster prevention, medical, public information network etc.. Würth Elektronik eiSos GmbH & Co KG must be informed about the intent of such usage before
the design-in stage. In addition, sufficient reliability evaluation checks for safety must be performed on every electronic component which is used in electrical circuits that require high safety and reliability functions or performance.


Numéro de pièce similaire - 7427809

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
74278009 WURTH-74278009 Datasheet
420Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
7427801 WURTH-7427801 Datasheet
425Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
74278011 WURTH-74278011 Datasheet
423Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
7427802 WURTH-7427802 Datasheet
399Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
74278021 WURTH-74278021 Datasheet
399Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
More results

Description similaire - 7427809

FabricantNo de pièceFiches techniqueDescription
logo
Wurth Elektronik GmbH &...
74278042 WURTH-74278042 Datasheet
433Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
74278043 WURTH-74278043 Datasheet
446Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
74278032 WURTH-74278032 Datasheet
421Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
74278081 WURTH-74278081 Datasheet
398Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
7427802 WURTH-7427802 Datasheet
399Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
74278031 WURTH-74278031 Datasheet
417Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
7427810 WURTH-7427810 Datasheet
421Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
74278082 WURTH-74278082 Datasheet
418Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
7427805 WURTH-7427805 Datasheet
405Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
7427807 WURTH-7427807 Datasheet
431Kb / 4P
   WE-FLAT Ferrite for Flexible Printed Circuit Boards
More results


Html Pages

1 2 3 4


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com