Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-ISV001V1 Fiches technique(PDF) 1 Page - STMicroelectronics

No de pièce STEVAL-ISV001V1
Description  1000 W dual stage DC-AC converter demonstration board based on the STP160N75F3
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-ISV001V1 Fiches technique(HTML) 1 Page - STMicroelectronics

  STEVAL-ISV001V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-ISV001V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-ISV001V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-ISV001V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-ISV001V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-ISV001V1 Datasheet HTML 6Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
Data Brief
For further information contact your local STMicroelectronics sales office.
November 2008
Rev 1
1/6
6
STEVAL-ISV001V1
1000 W dual stage DC-AC converter demonstration board
based on the STP160N75F3
Features
Nominal input voltage: 24 V
Output voltage: 230 Vrms, 50 Hz
Output power: 1 kW
Efficiency: 90%
Switching frequency: 100 kHz (DC-DC); 16
kHz (DC-AC)
Description
The STEVAL-ISV001V1 demonstration board
implements a 1 kW dual stage DC-AC converter,
suitable for use in battery powered uninterruptible
power supplies (UPS) or photovoltaic (PV) stand
alone systems. The converter is powered from a
low DC input voltage varying from 20 V to 28 V
and is capable of supplying up to 1 kW output
power on a single phase AC load. These features
are met with a dual stage conversion topology
including an efficient step-up push-pull DC-DC
converter, to produce a regulated high voltage DC
bus, and a sinusoidal h-bridge PWM inverter to
generate a 50 Hz, 230 Vrms output sine wave.
Other relevant features of the proposed system
are high power density, high switching frequency,
galvanic isolation and efficiency greater than 90%
over a wide output load range.
STEVAL-ISV001V1
www.st.com


Numéro de pièce similaire - STEVAL-ISV001V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-ISV003V1 STMICROELECTRONICS-STEVAL-ISV003V1 Datasheet
558Kb / 12P
   250 W microinverter for plug-in PV panels demonstration board
STEVAL-ISV003V2 STMICROELECTRONICS-STEVAL-ISV003V2 Datasheet
188Kb / 4P
   250 W microinverter for plug-in PV panels (60 Hz version)
April 2014 Rev 1
STEVAL-ISV004V2 STMICROELECTRONICS-STEVAL-ISV004V2 Datasheet
147Kb / 4P
   240 W PV converter for photovoltaic panels based on the SPV1020
May 2011 Rev 3
STEVAL-ISV005V1 STMICROELECTRONICS-STEVAL-ISV005V1 Datasheet
103Kb / 4P
   250 W solar battery charger based on PV voltage-boost controller SPV1020, bypass diode SPV1001N and CC-CV controller SEA05
STEVAL-ISV006V2 STMICROELECTRONICS-STEVAL-ISV006V2 Datasheet
299Kb / 4P
   Up to 5 W solar battery charger with embedded MPPT based on the SPV1040
More results

Description similaire - STEVAL-ISV001V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-ISV009V1 STMICROELECTRONICS-STEVAL-ISV009V1 Datasheet
104Kb / 4P
   300 W photovoltaic converter demonstration board based on the SPV1020
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
   6 W dual output SMPS demonstration board based on the VIPER17
STEVAL-ISA062V1 STMICROELECTRONICS-STEVAL-ISA062V1 Datasheet
259Kb / 4P
   6 W dual output SMPS demonstration board based on the VIPER17
EVALVIPER17L-7W STMICROELECTRONICS-EVALVIPER17L-7W Datasheet
92Kb / 6P
   Demonstration board on 7 W single output based on the VIPer17
STEVAL-ISA049V2 STMICROELECTRONICS-STEVAL-ISA049V2 Datasheet
170Kb / 4P
   Synchronous dual buck converter with inhibit demonstration board based on the ST2S06B
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
STEVAL-ISA080V1 STMICROELECTRONICS-STEVAL-ISA080V1 Datasheet
88Kb / 4P
   90 W HB LLC resonant converter demonstration board based on the L6585DE combo IC
STEVAL-ISA010V1 STMICROELECTRONICS-STEVAL-ISA010V1 Datasheet
188Kb / 4P
   Ultra wide range dual output back converter demonstration board based on the VIPER16
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com