Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-IHM027V1 Fiches technique(PDF) 4 Page - STMicroelectronics

No de pièce STEVAL-IHM027V1
Description  Power board with MC connector based on the STGIPS10K60A 10 A, 600 V intelligent power module
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-IHM027V1 Fiches technique(HTML) 4 Page - STMicroelectronics

  STEVAL-IHM027V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-IHM027V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-IHM027V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-IHM027V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-IHM027V1 Datasheet HTML 5Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
Revision history
STEVAL-IHM027V1
4/5
Doc ID 17826 Rev 2
2
Revision history
Table 1.
Document revision history
Date
Revision
Changes
13-Aug-2010
1
Initial release.
21-Feb-2012
2
Modified: schematics


Numéro de pièce similaire - STEVAL-IHM027V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-IHM021V2 STMICROELECTRONICS-STEVAL-IHM021V2 Datasheet
176Kb / 5P
   100 W, 3-phase inverter based on the L6390 and UltraFASTmesh??MOSFET for speed FOC of 3-phase PMSM motor drives
STEVAL-IHM023V2 STMICROELECTRONICS-STEVAL-IHM023V2 Datasheet
509Kb / 9P
   1 kW 3-phase motor control demonstration board featuring L6390 drivers and STGP10NC60KD IGBT
STEVAL-IHM023V3 STMICROELECTRONICS-STEVAL-IHM023V3 Datasheet
656Kb / 9P
   Tachometer input
November 2014 Rev 1
STEVAL-IHM024V1 STMICROELECTRONICS-STEVAL-IHM024V1 Datasheet
174Kb / 5P
   100 W 3-phase inverter using the L6390 and STGDL6NC60DI for vector control
STEVAL-IHM025V1 STMICROELECTRONICS-STEVAL-IHM025V1 Datasheet
246Kb / 8P
   1 kW 3-phase motor control demonstration board featuring the IGBT SLLIMM??STGIPL14K60
More results

Description similaire - STEVAL-IHM027V1

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NFAQ1060L36TB ONSEMI-NFAQ1060L36TB Datasheet
511Kb / 14P
   Intelligent Power Module (IPM) 600 V, 10 A
March, 2021 ??Rev. 0
STK554U362C-E ONSEMI-STK554U362C-E Datasheet
337Kb / 16P
   Intelligent Power Module (IPM) 600 V, 10 A
August 2017 - Rev. 3
NFAQ1060L36T ONSEMI-NFAQ1060L36T Datasheet
511Kb / 14P
   Intelligent Power Module (IPM) 600 V, 10 A
January, 2020 ??Rev. 1
STK554U362A-E ONSEMI-STK554U362A-E Datasheet
323Kb / 16P
   Intelligent Power Module (IPM) 600 V, 10 A
December 2016 - Rev. 3
NFAP1060L3TT ONSEMI-NFAP1060L3TT Datasheet
591Kb / 14P
   Intelligent Power Module (IPM) 600 V, 10 A
March, 2020 ??Rev. 1
NFAQ1060L33T ONSEMI-NFAQ1060L33T Datasheet
588Kb / 14P
   Intelligent Power Module (IPM) 600 V, 10 A
January, 2020 ??Rev. 1
STK541UC62K-E ONSEMI-STK541UC62K-E Datasheet
435Kb / 15P
   Intelligent Power Module (IPM) 600 V, 10 A
October 2016 - Rev. 1
STK551U362A-E ONSEMI-STK551U362A-E Datasheet
851Kb / 16P
   Intelligent Power Module (IPM) 600 V, 10 A
December 2016 - Rev. 2
STK544UC62K-E ONSEMI-STK544UC62K-E Datasheet
453Kb / 16P
   Intelligent Power Module (IPM) 600 V, 10 A
December 2016 - Rev. 3
STK544UC63K-E ONSEMI-STK544UC63K-E Datasheet
317Kb / 13P
   Intelligent Power Module (IPM), 600 V, 10 A
May, 2019 - Rev. 0
More results


Html Pages

1 2 3 4 5


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com