Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STEVAL-TDR020V1 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce STEVAL-TDR020V1
Description  Portable UHF 2-way radio demonstration board based on the PD84006L-E
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STEVAL-TDR020V1 Fiches technique(HTML) 3 Page - STMicroelectronics

  STEVAL-TDR020V1 Datasheet HTML 1Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 2Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 3Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 4Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 5Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 6Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 7Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 8Page - STMicroelectronics STEVAL-TDR020V1 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
STEVAL-TDR020V1
Electrical characteristics
Doc ID 18108 Rev 1
3/11
1
Electrical characteristics
TA = +25
oC, V
DD = 7.2 V, Idq = 200 mA
Table 2.
Electrical specification
Symbol
Test conditions
Min
Typ
Max
Unit
Freq
Frequency range
740
950
MHz
POUT
4W
Gain
@ PIN = 24 dBm
12.3
±0.3
dB
ND
@ PIN = 24 dBm
50 - 57
%
H2
2ND Harmonic @ PIN = 24 dBm
-48 / -65
dBc
H3
3RD Harmonic @ PIN = 24 dBm
-64 / -70
dBc
VSWR
Load mismatch all phases @ POUT = 4 W
20:1


Numéro de pièce similaire - STEVAL-TDR020V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
STEVAL-TDR022V1 STMICROELECTRONICS-STEVAL-TDR022V1 Datasheet
326Kb / 8P
   RF power amplifier using the PD85025-E for UHF OFDM and 2-way mobile radios
STEVAL-TDR023V1 STMICROELECTRONICS-STEVAL-TDR023V1 Datasheet
520Kb / 8P
   RF power amplifier using 1 x PD55025-E N-channel enhancement-mode lateral MOSFETs
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
   Portable UHF 2-way radio demonstration board based on the PD84001
STEVAL-TDR027V1 STMICROELECTRONICS-STEVAL-TDR027V1 Datasheet
215Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84008L-E
More results

Description similaire - STEVAL-TDR020V1

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STEVAL-TDR027V1 STMICROELECTRONICS-STEVAL-TDR027V1 Datasheet
215Kb / 11P
   Portable UHF 2-way radio demonstration board based on the PD84008L-E
STEVAL-TDR025V1 STMICROELECTRONICS-STEVAL-TDR025V1 Datasheet
474Kb / 10P
   Portable UHF 2-way radio demonstration board based on the PD84001
STEVAL-TDR014V1 STMICROELECTRONICS-STEVAL-TDR014V1 Datasheet
750Kb / 11P
   Demonstration board based on the PD55008-E for UHF mobile radio
STEVAL-TDR021V1 STMICROELECTRONICS-STEVAL-TDR021V1 Datasheet
352Kb / 11P
   Demonstration board using the PD84008L-E for 900 MHz 2-way radio
STEVAL-TDR017V1 STMICROELECTRONICS-STEVAL-TDR017V1 Datasheet
143Kb / 8P
   Demonstration board using the PD84001 for UHF RFID reader and 2-way radio
STEVAL-TDR019V1 STMICROELECTRONICS-STEVAL-TDR019V1 Datasheet
202Kb / 9P
   Demonstration board using the PD85004 for 900 MHz 2-way radio
STEVAL-MKI077V1 STMICROELECTRONICS-STEVAL-MKI077V1 Datasheet
117Kb / 4P
   MEMS: demonstration board based on the LPR4150AL
STEVAL-IPE005V1 STMICROELECTRONICS-STEVAL-IPE005V1 Datasheet
337Kb / 11P
   Demonstration programmer board based on the STPM01
AN2840 STMICROELECTRONICS-AN2840 Datasheet
657Kb / 19P
   charger demonstration board based on the VIPER17HN
STEVAL-PCC012V1 STMICROELECTRONICS-STEVAL-PCC012V1 Datasheet
481Kb / 10P
   Connectivity gateway demonstration board based on the STM32F107
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com