Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS1102-200EG5T Fiches technique(PDF) 1 Page - Touchstone Semiconductor Inc

No de pièce TS1102-200EG5T
Description  A 1關A, 200關VOS SOT23 Precision Current-Sense Amplifier
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TOUCHSTONE [Touchstone Semiconductor Inc]
Site Internet  http://www.touchstonesemi.com
Logo TOUCHSTONE - Touchstone Semiconductor Inc

TS1102-200EG5T Fiches technique(HTML) 1 Page - Touchstone Semiconductor Inc

  TS1102-200EG5T Datasheet HTML 1Page - Touchstone Semiconductor Inc TS1102-200EG5T Datasheet HTML 2Page - Touchstone Semiconductor Inc TS1102-200EG5T Datasheet HTML 3Page - Touchstone Semiconductor Inc TS1102-200EG5T Datasheet HTML 4Page - Touchstone Semiconductor Inc TS1102-200EG5T Datasheet HTML 5Page - Touchstone Semiconductor Inc TS1102-200EG5T Datasheet HTML 6Page - Touchstone Semiconductor Inc TS1102-200EG5T Datasheet HTML 7Page - Touchstone Semiconductor Inc TS1102-200EG5T Datasheet HTML 8Page - Touchstone Semiconductor Inc TS1102-200EG5T Datasheet HTML 9Page - Touchstone Semiconductor Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
TS1102
Page 1
© 2011 Touchstone Semiconductor, Inc. All rights reserved.
FEATURES
♦ Improved Electrical Performance over the
MAX9938 and the MAX9634
♦ Ultra-Low Supply Current: 1μA
♦ Wide Input Common Mode Range: +2V to +25V
♦ Low Input Offset Voltage: 200μV (max)
♦ Low Gain Error: 0.5% (max)
♦ Voltage Output
♦ Four Gain Options Available:
TS1102-25: Gain = 25V/V
TS1102-50: Gain = 50V/V
TS1102-100: Gain = 100V/V
TS1102-200: Gain = 200V/V
♦ 5-Pin SOT23 Packaging
APPLICATIONS
Notebook Computers
Current-Shunt Measurement
Power Management Systems
Battery Monitoring
Motor Control
Load Protection
Smart Battery Packs/Chargers
DESCRIPTION
The voltage-output TS1102 current-sense amplifiers
are form-factor identical and electrical improvements
to the MAX9938 and the MAX9634 current-sense
amplifiers. The TS1102 is the latest addition to the
TS1100
family
of
current-sense
amplifiers.
Consuming a very low 1μA supply current, the
TS1102 high-side current-sense amplifiers combine a
200-µV (max) VOS and a 0.5% (max) gain error for
cost-sensitive applications. For all high-side current-
sensing applications, the TS1102 features a wide
input common-mode voltage range from 2V to 25V.
The SOT23 package makes the TS1102 an ideal
choice
for
pcb-area-critical,
low-current,
high-
accuracy current-sense applications in all battery-
powered, remote or hand-held portable instruments.
All TS1102s are specified for operation over the
-40°C to +105°C extended temperature range.
A 1µA, 200µVOS SOT23 Precision Current-Sense Amplifier
TYPICAL APPLICATION CIRCUIT
PART
GAIN OPTION
TS1102-25
25 V/V
TS1102-50
50 V/V
TS1102-100
100 V/V
TS1102-200
200 V/V
The Touchstone Semiconductor logo is a registered
trademark of Touchstone Semiconductor, Incorporated.
INPUT OFFSET VOLTAGE - µV
0
10
25
35
10
30
0
40
15
20
Input Offset Voltage Histogram
5
20
30
50


Numéro de pièce similaire - TS1102-200EG5T

FabricantNo de pièceFiches techniqueDescription
logo
Silicon Laboratories
TS1102-200EG5 SILABS-TS1102-200EG5 Datasheet
1Mb / 20P
   High Side Bidirectional and Unidirectional Current Sense Amplifier
More results

Description similaire - TS1102-200EG5T

FabricantNo de pièceFiches techniqueDescription
logo
Touchstone Semiconducto...
TS1103 TOUCHSTONE-TS1103 Datasheet
1Mb / 11P
   A 1關A, 200關VOS Bidirectional Precision Current-Sense Amplifier
TSM9938 TOUCHSTONE-TSM9938 Datasheet
751Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
TSM9634 TOUCHSTONE-TSM9634 Datasheet
746Kb / 11P
   A 1uA, SOT23 Precision Current-Sense Amplifier
logo
Maxim Integrated Produc...
MAX6006 MAXIM-MAX6006 Datasheet
228Kb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
Rev 0; 8/00
MAX6006 MAXIM-MAX6006_V01 Datasheet
1Mb / 8P
   1關A SOT23 Precision Shunt Voltage Reference
2019
logo
Silicon Laboratories
TSM9938F SILABS-TSM9938F Datasheet
1Mb / 12P
   SOT23 Precision Current-Sense Amplifier
logo
Touchstone Semiconducto...
TS1100 TOUCHSTONE-TS1100 Datasheet
771Kb / 11P
   A 1uA, 2V to 25V SOT23 Precision Current-Sense Amplifier
logo
Linear Technology
LT6656 LINER-LT6656_1 Datasheet
564Kb / 18P
   1關A Precision Series Voltage Reference
LT6656 LINER-LT6656 Datasheet
508Kb / 12P
   1關A Precision Series Voltage Reference
logo
Texas Instruments
REF1112 TI-REF1112 Datasheet
798Kb / 13P
[Old version datasheet]   MICRO-PACKAGE: SOT23-3 , WIDE CURRENT RANGE: 1關A to 5mA
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com