Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

STPS1L40-Y Fiches technique(PDF) 2 Page - STMicroelectronics

No de pièce STPS1L40-Y
Description  Automotive low drop power Schottky rectifier
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STPS1L40-Y Fiches technique(HTML) 2 Page - STMicroelectronics

  STPS1L40-Y Datasheet HTML 1Page - STMicroelectronics STPS1L40-Y Datasheet HTML 2Page - STMicroelectronics STPS1L40-Y Datasheet HTML 3Page - STMicroelectronics STPS1L40-Y Datasheet HTML 4Page - STMicroelectronics STPS1L40-Y Datasheet HTML 5Page - STMicroelectronics STPS1L40-Y Datasheet HTML 6Page - STMicroelectronics STPS1L40-Y Datasheet HTML 7Page - STMicroelectronics STPS1L40-Y Datasheet HTML 8Page - STMicroelectronics STPS1L40-Y Datasheet HTML 9Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
Characteristics
STPS1L40-Y
2/9
Doc ID 18247 Rev 1
1
Characteristics
To evaluate the conduction losses use the following equation:
P = 0.23 x IF(AV) + 0.19 IF
2
(RMS)
Table 2.
Absolute ratings (limiting values)
Symbol
Parameter
Value
Unit
VRRM
Repetitive peak reverse voltage
40
V
IF(RMS) Forward rms current
8
A
IF(AV)
Average forward current
TL = 130 °C δ = 0.5
1
A
IFSM
Surge non repetitive forward current
tp = 10 ms sinusoidal
60
A
IRRM
Repetitive peak reverse current
tp = 2 µs F = 1 kHz square
1
A
IRSM
Non repetitive peak reverse current
tp = 100 µs square
1
A
PARM
Repetitive peak avalanche power
tp = 1 µs Tj = 25 °C
900
W
Tstg
Storage temperature range
- 65 to + 150
°C
Tj
Operating junction temperature range(1)
1.
condition to avoid thermal runaway for a diode on its own heatsink
-40 to + 150
°C
dV/dt
Critical rate of rise of reverse voltage
10000
V/µs
Table 3.
Thermal resistance
Symbol
Parameter
Value
Unit
Rth(j-l)
Junction to lead
SMA
30
°C/W
SMB
25
Table 4.
Static electrical characteristics
Symbol
Parameter
Tests conditions
Min.
Typ.
Max.
Unit
IR
(1)
1.
Pulse test: tp = 380 µs, δ < 2%
Reverse leakage current
Tj = 25 °C
VR = VRRM
-
-
35
µA
Tj = 125 °C
-
6
10
mA
VF
(1)
Forward voltage drop
Tj = 25 °C
IF = 1 A
--
0.5
V
Tj = 125 °C
-
0.37
0.42
Tj = 25 °C
IF = 2 A
-
-
0.63
Tj = 125 °C
-
0.5
0.61
dPtot
dTj
<
1
Rth(j-a)


Numéro de pièce similaire - STPS1L40-Y

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STPS1L40 STMICROELECTRONICS-STPS1L40 Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40 STMICROELECTRONICS-STPS1L40 Datasheet
48Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40A STMICROELECTRONICS-STPS1L40A Datasheet
76Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
STPS1L40AY STMICROELECTRONICS-STPS1L40AY Datasheet
113Kb / 9P
   Automotive low drop power Schottky rectifier
STPS1L40M STMICROELECTRONICS-STPS1L40M Datasheet
48Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results

Description similaire - STPS1L40-Y

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
STPS2L60ZFY STMICROELECTRONICS-STPS2L60ZFY Datasheet
308Kb / 8P
   Automotive low drop power Schottky rectifier
October 2016 Rev 2
STPS41H100C-Y STMICROELECTRONICS-STPS41H100C-Y Datasheet
109Kb / 7P
   Automotive low drop power Schottky rectifier
STPS1L40AY STMICROELECTRONICS-STPS1L40AY Datasheet
113Kb / 9P
   Automotive low drop power Schottky rectifier
STPS8L30-Y STMICROELECTRONICS-STPS8L30-Y Datasheet
130Kb / 8P
   Automotive low drop power Schottky rectifier
July 2013 Rev 1
STPS2L40ZFY STMICROELECTRONICS-STPS2L40ZFY Datasheet
308Kb / 8P
   Automotive low drop power Schottky rectifier
October 2016 Rev 1
STPS15L45C-Y STMICROELECTRONICS-STPS15L45C-Y Datasheet
218Kb / 8P
   Automotive low drop power Schottky rectifier
July 2015 Rev 2
STPS1L60-Y STMICROELECTRONICS-STPS1L60-Y Datasheet
308Kb / 8P
   Automotive low drop power Schottky rectifier
October 2016 Rev 2
STPS61H100-Y STMICROELECTRONICS-STPS61H100-Y Datasheet
208Kb / 9P
   Automotive 100 V low drop power Schottky rectifier
July 2019 Rev 1
1N581X STMICROELECTRONICS-1N581X Datasheet
61Kb / 5P
   LOW DROP POWER SCHOTTKY RECTIFIER
July 2003 - Ed: 4A
STPS3L25S STMICROELECTRONICS-STPS3L25S Datasheet
55Kb / 4P
   LOW DROP POWER SCHOTTKY RECTIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com