Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXG1125ER Fiches technique(PDF) 5 Page - Sony Corporation

No de pièce CXG1125ER
Description  High Power 6 횞 4 Antenna Switch MMIC with Integrated Control Logic for PDC Full Packet
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1125ER Fiches technique(HTML) 5 Page - Sony Corporation

  CXG1125ER Datasheet HTML 1Page - Sony Corporation CXG1125ER Datasheet HTML 2Page - Sony Corporation CXG1125ER Datasheet HTML 3Page - Sony Corporation CXG1125ER Datasheet HTML 4Page - Sony Corporation CXG1125ER Datasheet HTML 5Page - Sony Corporation CXG1125ER Datasheet HTML 6Page - Sony Corporation CXG1125ER Datasheet HTML 7Page - Sony Corporation CXG1125ER Datasheet HTML 8Page - Sony Corporation CXG1125ER Datasheet HTML 9Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
– 5 –
CXG1125ER
Electrical Characteristics
(Ta = 25°C)
Unit
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
Max.
0.80
0.85
1.00
1.00
1.45
1.55
1.60
1.45
1.45
1.55
0.85
1.30
1.35
0.95
1.50
1.55
1.20
1.50
1.25
1.55
1.00
0.85
1.10
1.00
Typ.
0.50
0.55
0.70
0.70
1.20
1.25
1.40
1.20
1.15
1.35
0.55
1.00
1.15
0.65
1.20
1.35
0.90
1.20
0.95
1.25
0.75
0.55
0.80
0.70
Min.
Condition
1
1
2
2
3, ∗7
3
4
3, ∗7
3
4
3
3
4
3
3
4
1, ∗8
3, ∗7
1, ∗8
3, ∗7
1
3
1
3
Port
Tx800 – Ext
Tx800 – Ant
Tx1.5 – Ext
Tx1.5 – Ant
Rx800D – Ext
Rx800A – Ext
Rx1.5 – Ext
Rx800D – Ant
Rx800A – Ant
Rx1.5 – Ant
Rx800D – D_Ext
Rx800A – D_Ext
Rx1.5 – D_Ext
Rx800D – D_Ant
Rx800A – D_Ant
Rx1.5 – D_Ant
Dup_Out – Ext
Rx800D – Ext
Dup_Out – Ant
Rx800D – Ant
Dup_Out – Ext
Rx800D – D_Ext
Dup_Out – Ant
Rx800D – D_Ant
Symbol
IL
Item
Insertion loss
State
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20


Numéro de pièce similaire - CXG1125ER

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1121TN SONY-CXG1121TN Datasheet
62Kb / 7P
   SP4T GSM/GPRS Dual-Band Antenna Switch Logic
CXG1122EN SONY-CXG1122EN Datasheet
54Kb / 6P
   SP5T GSM Triple-Band/GPRS Antenna Switch
CXG1127ER SONY-CXG1127ER Datasheet
70Kb / 7P
   High Power 5 횞 4 Antenna Switch MMIC with Integrated Control Logic for PDC Dual Phone
More results

Description similaire - CXG1125ER

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1127ER SONY-CXG1127ER Datasheet
70Kb / 7P
   High Power 5 횞 4 Antenna Switch MMIC with Integrated Control Logic for PDC Dual Phone
CXG1106EN SONY-CXG1106EN Datasheet
75Kb / 6P
   High Power 2 횞 4 Antenna Switch MMIC with Integrated Control Logic
CXG1131ER SONY-CXG1131ER Datasheet
72Kb / 7P
   High Power 3 횞 5 Antenna Switch MMIC with Integrated Control Logic
CXG1166ER SONY-CXG1166ER Datasheet
69Kb / 8P
   High Power 3 횞 5 Antenna Switch MMIC with Integrated Control Logic
CXG1090EN SONY-CXG1090EN Datasheet
77Kb / 6P
   High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1064ATN SONY-CXG1064ATN Datasheet
94Kb / 8P
   High Power 2 쨈 4 Antenna Switch MMIC with Integrated Control Logic
CXG1090TN SONY-CXG1090TN Datasheet
71Kb / 5P
   High Power 2 x 4 Antenna Switch MMIC with Integrated Control Logic
CXG1166AER SONY-CXG1166AER Datasheet
69Kb / 8P
   High Power 3 x 5 Antenna Switch MMIC with Integrated Control Logic
CXG1039TN SONY-CXG1039TN Datasheet
57Kb / 5P
   High Isolation Absorptive SPDT Switch MMIC with Integrated Control Logic
CXG1063TN SONY-CXG1063TN Datasheet
67Kb / 5P
   High Power 2 쨈 4 Antenna Switch MMIC
More results


Html Pages

1 2 3 4 5 6 7 8 9


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com