Moteur de recherche de fiches techniques de composants électroniques
  French  ▼

Delete All
ON OFF
ALLDATASHEET.FR

X  

Preview PDF Download HTML

CXG1090EN Fiches technique(PDF) 5 Page - Sony Corporation

No de pièce CXG1090EN
Description  High Power 2 ´ 4 Antenna Switch MMIC with Integrated Control Logic
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1090EN Fiches technique(HTML) 5 Page - Sony Corporation

  CXG1090EN Datasheet HTML 1Page - Sony Corporation CXG1090EN Datasheet HTML 2Page - Sony Corporation CXG1090EN Datasheet HTML 3Page - Sony Corporation CXG1090EN Datasheet HTML 4Page - Sony Corporation CXG1090EN Datasheet HTML 5Page - Sony Corporation CXG1090EN Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 6 page
background image
– 5 –
CXG1090EN
Electrical Characteristics 2
(VCTL (L) = 0V, VCTL (H) = 3V, Ta = 25°C)
Item
Frequency
Condition
Pin = 29.5dBm, VDD = 2.8 to 3.0V
Pin = 29.5dBm, VDD = 2.8 to 3.0V
Pin = 7dBm, VDD = 2.8 to 3.0V
Pin = 7dBm, VDD = 2.8 to 3.0V
Pin = 7dBm, VDD = 2.8 to 3.0V
Pin = 7dBm, VDD = 2.8 to 3.0V
Pin = 29.5dBm, VDD = 2.8 to 3.0V
Pin = 29.5dBm, VDD = 2.8 to 3.0V
Pin = 7dBm, VDD = 2.8 to 3.0V
Pin = 7dBm, VDD = 2.8 to 3.0V
Pin = 7dBm, VDD = 2.8 to 3.0V
Pin = 7dBm, VDD = 2.8 to 3.0V
Pin = 29.5dBm, VDD = 3.0V∗1
Pin = 29.5dBm, VDD = 2.8V∗1
Pin = 29.5dBm, VDD = 3.0V∗1
Pin = 29.5dBm, VDD = 2.8V∗1
Pin = 29.5dBm, VDD = 3.0V∗1
Pin = 29.5dBm, VDD = 2.8V∗1
Pin = 29.5dBm, VDD = 3.0V∗1
Pin = 29.5dBm, VDD = 2.8V∗1
VDD = 3.0V
VDD = 2.8V
12
15
15
13
35
20
0.40
0.40
0.65
0.65
0.60
0.60
15
18
18
16
40
25
–67
–67
–75
–75
–67
–67
–67
–67
85
0.45
0.4
1.0
0.70
0.70
0.95
0.95
0.90
0.90
1.4
–55
–53
–65
–62
–60
–57
–57
–55
150
1
0.9
5.0
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dB
dBc
dBc
dBc
dBc
dBc
dBc
dBc
dBc
µA
mA
mA
µs
RF3-RF2
RF3-RF4
RF5-RF2
RF5-RF4
RF5-RF1
RF5-RF6
RF3-RF2
RF3-RF4
RF5-RF2
RF5-RF4
RF5-RF1
RF5-RF6
Each ON
Port
RF3-RF2
RF3-RF4
RF3-RF2
RF3-RF4
RF3-RF2
RF3-RF4
RF3-RF2
RF3-RF4
Insertion loss
Isolation
VSWR
ACP (±50kHz)
ACP (±100kHz)
2nd harmonics
3nd harmonics
Control current
Bias current
Switching speed
1429 to 1453MHz
1429 to 1453MHz
1477 to 1501MHz
1477 to 1501MHz
1477 to 1501MHz
1477 to 1501MHz
1429 to 1453MHz
1429 to 1453MHz
1477 to 1501MHz
1477 to 1501MHz
1477 to 1501MHz
1477 to 1501MHz
1429 to 1501MHz
1429 to 1453MHz
1429 to 1453MHz
1429 to 1453MHz
1429 to 1453MHz
Min.
Typ.
Max.
Unit
1 Input signal: ACP (±50kHz) < –65dBc, APC (±100kHz) < –75dBc,
2nd harmonics < –65dBc, 3rd harmonics < –65dBc


Html Pages

1  2  3  4  5  6 


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn