Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TDA7705 Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce TDA7705
Description  Highly integrated tuner for AM/FM car radio
Download  42 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TDA7705 Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button TDA7705_10 Datasheet HTML 6Page - STMicroelectronics TDA7705_10 Datasheet HTML 7Page - STMicroelectronics TDA7705_10 Datasheet HTML 8Page - STMicroelectronics TDA7705_10 Datasheet HTML 9Page - STMicroelectronics TDA7705_10 Datasheet HTML 10Page - STMicroelectronics TDA7705_10 Datasheet HTML 11Page - STMicroelectronics TDA7705_10 Datasheet HTML 12Page - STMicroelectronics TDA7705_10 Datasheet HTML 13Page - STMicroelectronics TDA7705_10 Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 42 page
background image
Function description
TDA7705
10/42
Doc ID 15938 Rev 8
2
Function description
2.1
FM - mixers
The image-rejection mixer has two FM inputs, selectable through software. These inputs
feed stages with different gains, noise figures, and IIP3. They are optimized for best
performance in case of a passive tuned prestage and for a passive fixed bandpass without
tuning for low-cost application respectively.
The second input offers also the possibility of an easy addition of a weather-band
preselection filter.
The input frequency is downconverted to low IF with high image rejection.
The tuned application is supported by an 8-bit tuning DAC. The alignment of the DAC is
performed automatically.
2.2
FM - AGC
The programmable RFAGC senses the mixer input whereas the IFAGC senses the IFADC
input to avoid overload.
The PIN diode driver is able to drive external PIN diodes with a current value as high as
15mA.
The time constant of the FM-AGC is defined by an external capacitor.
2.3
AM - LNA
The AM-LNA is integrated with low noise and high IIP2 and IIP3. The gain of the LNA is
controlled by the AGC. The maximum gain is set with an external resistor, typically 26 dB
with 1 k
Ω.
2.4
AM - AGC
The programmable AM-RF-AGC senses the mixer inputs and controls the internal PIN diode
and LNA gain.
First the LNA gain is reduced by about 10dB, then the PIN diodes are activated to attenuate
the signal.
The time constant of the AM-AGC is defined with an external capacitor and programmable
internal currents.
2.5
AM - mixers
The image-rejection mixer has two AM inputs selectable via software. It easily supports low-
cost applications for extended frequency bands like SW, DRM.
The input frequency is converted to low IF with high image rejection.


Numéro de pièce similaire - TDA7705_10

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7705TR STMICROELECTRONICS-TDA7705TR Datasheet
427Kb / 42P
   Highly integrated tuner for AM/FM car radio
September 2013 Rev 9
More results

Description similaire - TDA7705_10

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
TDA7705 STMICROELECTRONICS-TDA7705 Datasheet
427Kb / 42P
   Highly integrated tuner for AM/FM car radio
September 2013 Rev 9
TDA7706 STMICROELECTRONICS-TDA7706 Datasheet
291Kb / 16P
   Highly integrated tuner for AM/FM car-radio
September 2013 Rev 3
TDA7703R STMICROELECTRONICS-TDA7703R Datasheet
229Kb / 32P
   Highly integrated tuner for AM/FM car radio
January 2010
TDA7703 STMICROELECTRONICS-TDA7703 Datasheet
211Kb / 32P
   Highly integrated tuner for AM/FM car radio
April 2009 Rev 1
logo
NTE Electronics
NTE1290 NTE-NTE1290 Datasheet
21Kb / 2P
   Integrated Circuit AM Tuner for Car Radio
NTE1533 NTE-NTE1533 Datasheet
81Kb / 4P
   Integrated Circuit AM Tuner for Car Radio
logo
Sanyo Semicon Device
LA1130 SANYO-LA1130 Datasheet
216Kb / 5P
   AM Tuner for Car Radio
logo
Hitachi Semiconductor
HA1199 HITACHI-HA1199 Datasheet
585Kb / 7P
   AM Tuner for Car Radio
logo
STMicroelectronics
TDA7511 STMICROELECTRONICS-TDA7511 Datasheet
792Kb / 41P
   AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
TDA7421N STMICROELECTRONICS-TDA7421N Datasheet
325Kb / 38P
   AM/FM TUNER FOR CAR RADIO AND HI-FI APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com