Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXG1014N Fiches technique(PDF) 1 Page - Sony Corporation

No de pièce CXG1014N
Description  1.5 GHz Low Noise Amplifier/Down Conversion Mixer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXG1014N Fiches technique(HTML) 1 Page - Sony Corporation

  CXG1014N Datasheet HTML 1Page - Sony Corporation CXG1014N Datasheet HTML 2Page - Sony Corporation CXG1014N Datasheet HTML 3Page - Sony Corporation CXG1014N Datasheet HTML 4Page - Sony Corporation CXG1014N Datasheet HTML 5Page - Sony Corporation CXG1014N Datasheet HTML 6Page - Sony Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
—1—
E97408-TE
Sony reserves the right to change products and specifications without prior notice. This information does not convey any license by
any implication or otherwise under any patents or other right. Application circuits shown, if any, are typical examples illustrating the
operation of the devices. Sony cannot assume responsibility for any problems arising out of the use of these circuits.
Absolute Maximum Ratings (Ta=25 °C)
• Supply voltage
VDD
6V
• Operating temperature
Topr
–35 to +85
°C
• Storage temperature
Tstg
–65 to +150
°C
• Power dissipation
PD
150
mW
• Current consumption
IDD (low noise amplifier)
20
mA
IDD (LO amplifier)
10
mA
IDD (mixer, IF amplifier)
20
mA
• Input power
PIN
+5
dBm
Operating Condition
Supply voltage
3.0
V
Description
The CXG1014N is a low noise amplifier/down
conversion mixer MMIC, designed using the Sony’s
GaAs J-FET process.
Features
• Low noise
NF=1.85 dB (Typ.)
at 1.49 GHz
(low noise amplifier)
• Low distortion
Input IP3=+2 dBm (Typ.)
at 1.49 GHz
(mixer)
• Low LO input power operation
–15 dBm
• Single 3.0 V power supply operation
• 16-pin SSOP package
Applications
1.5 GHz Japan digital cellular telephones
Structure
GaAs J-FET MMIC
1.5 GHz Low Noise Amplifier/Down Conversion Mixer
16 pin SSOP (Plastic)
CXG1014N


Numéro de pièce similaire - CXG1014N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1010N SONY-CXG1010N Datasheet
218Kb / 6P
   Power Amplifier for PHS
CXG1012N SONY-CXG1012N Datasheet
76Kb / 4P
   High-Frequency SPDT Antenna Switch
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
   1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1015N SONY-CXG1015N Datasheet
143Kb / 7P
   Power Amplifier/Antenna Switch for PHS
CXG1016N SONY-CXG1016N Datasheet
80Kb / 4P
   High-Frequency SPDT Antenna Switch
More results

Description similaire - CXG1014N

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXG1013N SONY-CXG1013N Datasheet
197Kb / 6P
   1.7 to 2.0 GHz Low Noise Amplifier/Down Conversion Mixer
CXG1061TN SONY-CXG1061TN Datasheet
88Kb / 5P
   Low Noise Down Conversion Mixer for PHS
CXG1053FN SONY-CXG1053FN Datasheet
133Kb / 8P
   Power Amplifier/Antenna Switch Low Noise Amplifier/Down Conversion Mixer for PHS
CXG1096FN SONY-CXG1096FN Datasheet
121Kb / 7P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG7001FN SONY-CXG7001FN Datasheet
117Kb / 8P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG1051AFN SONY-CXG1051AFN Datasheet
121Kb / 7P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
CXG7003FN SONY-CXG7003FN Datasheet
122Kb / 9P
   Power Amplifier/Antenna Switch Low Noise Down Conversion Mixer for PHS
logo
M/A-COM Technology Solu...
MAALSS0044 MA-COM-MAALSS0044 Datasheet
160Kb / 4P
   Low Noise Amplifier 1.5 - 1.6 GHz
logo
HBH Microwave GmbH
HA1001 HBH-HA1001 Datasheet
17Kb / 1P
   1.0 - 1.5 GHz Low Noise Amplifier
HA1003 HBH-HA1003 Datasheet
25Kb / 2P
   1.5 - 1.6 GHz Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com