Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

L6388E Fiches technique(PDF) 5 Page - STMicroelectronics

No de pièce L6388E
Description  High-voltage high and low side driver
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6388E Fiches technique(HTML) 5 Page - STMicroelectronics

  L6388E_12 Datasheet HTML 1Page - STMicroelectronics L6388E_12 Datasheet HTML 2Page - STMicroelectronics L6388E_12 Datasheet HTML 3Page - STMicroelectronics L6388E_12 Datasheet HTML 4Page - STMicroelectronics L6388E_12 Datasheet HTML 5Page - STMicroelectronics L6388E_12 Datasheet HTML 6Page - STMicroelectronics L6388E_12 Datasheet HTML 7Page - STMicroelectronics L6388E_12 Datasheet HTML 8Page - STMicroelectronics L6388E_12 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 19 page
background image
L6388E
Electrical characteristics
Doc ID 13991 Rev 2
5/19
3
Electrical characteristics
(VCC = 15 V; TJ = 25 °C).
3.1
AC operation
3.2
DC operation
Table 5.
AC operation electrical characteristics
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit
ton
1 vs. 5
2 vs. 7
High/low side driver turn-on
propagation delay
Vout = 0 V
225
300
ns
toff
High/low side driver turn-off
propagation delay
Vout = 0 V
160
220
ns
tr
5, 7
Rise time
CL = 1000 pF
70
100
ns
tf
5, 7
Fall time
CL = 1000 pF
40
80
ns
DT
5, 7
Dead time
220
320
420
ns
Table 6.
DC operation electrical characteristics
Symbol
Pin
Parameter
Test condition
Min.
Typ.
Max.
Unit
Low supply voltage section
Vccth1
3
Vcc UV turn-on threshold
9.1
9.6
10.1
V
Vccth2
Vcc UV turn-off threshold
7.9
8.3
8.8
V
Vcchys
Vcc UV hysteresis
0.9
V
Iqccu
Undervoltage quiescent
supply current
Vcc ≤ 9 V
250
330
µA
Iqcc
Quiescent current
Vcc = 15 V
350
450
µA
RDS(on)
Bootstrap driver on
resistance (1)
Vcc ≥ 12.5 V
125
Bootstrapped supply voltage section
VBSth1
8
VBS UV turn-on threshold
8.5
9.5
10.5
V
VBSth2
VBS UV turn-off threshold
7.2
8.2
9.2
V
VBShys
VBS UV hysteresis
0.9
V
IQBS
VBS quiescent current
HVG ON
250
µA
ILK
High-voltage leakage current
Vhvg = Vout =
Vboot = 600 V
10
µA


Numéro de pièce similaire - L6388E_12

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
L6388ED STMICROELECTRONICS-L6388ED Datasheet
219Kb / 18P
   High-voltage high and low side driver
L6388ED013TR STMICROELECTRONICS-L6388ED013TR Datasheet
219Kb / 18P
   High-voltage high and low side driver
More results

Description similaire - L6388E_12

FabricantNo de pièceFiches techniqueDescription
logo
ON Semiconductor
NCP5106A ONSEMI-NCP5106A Datasheet
160Kb / 18P
   High Voltage, High and Low Side Driver
March, 2010 ??Rev. 5
logo
STMicroelectronics
L6385E STMICROELECTRONICS-L6385E Datasheet
199Kb / 16P
   High-voltage high and low side driver
L6387DTR STMICROELECTRONICS-L6387DTR Datasheet
158Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
May 2001
L6385ED STMICROELECTRONICS-L6385ED Datasheet
199Kb / 16P
   High-voltage high and low side driver
logo
ON Semiconductor
NCP5109A ONSEMI-NCP5109A_17 Datasheet
120Kb / 18P
   High Voltage, High and Low Side Driver
February, 2017 ??Rev. 2
logo
STMicroelectronics
L6399 STMICROELECTRONICS-L6399 Datasheet
345Kb / 18P
   High voltage high and low-side driver
March 2017 Rev 2
L6386 STMICROELECTRONICS-L6386 Datasheet
80Kb / 10P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6388 STMICROELECTRONICS-L6388 Datasheet
564Kb / 11P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
L6387 STMICROELECTRONICS-L6387 Datasheet
133Kb / 9P
   HIGH-VOLTAGE HIGH AND LOW SIDE DRIVER
logo
ON Semiconductor
NCP5304 ONSEMI-NCP5304_14 Datasheet
115Kb / 16P
   High Voltage, High and Low Side Driver
November, 2014 ??Rev. 7
NCP5111 ONSEMI-NCP5111 Datasheet
124Kb / 14P
   High Voltage, High and Low Side Driver
March, 2008 - Rev. 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com