Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

54ACT174 Fiches technique(PDF) 3 Page - STMicroelectronics

No de pièce 54ACT174
Description  Rad-hard advanced high-speed 5 V CMOS logic series
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

54ACT174 Fiches technique(HTML) 3 Page - STMicroelectronics

  54ACT174 Datasheet HTML 1Page - STMicroelectronics 54ACT174 Datasheet HTML 2Page - STMicroelectronics 54ACT174 Datasheet HTML 3Page - STMicroelectronics 54ACT174 Datasheet HTML 4Page - STMicroelectronics 54ACT174 Datasheet HTML 5Page - STMicroelectronics 54ACT174 Datasheet HTML 6Page - STMicroelectronics 54ACT174 Datasheet HTML 7Page - STMicroelectronics 54ACT174 Datasheet HTML 8Page - STMicroelectronics 54ACT174 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 28 page
background image
54ACxxxx, 54ACTxxxx
List of tables
Doc ID 17352 Rev 3
3/28
List of tables
Table 1.
Device summary . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 5
Table 2.
Absolute maximum ratings - 54AC series. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 3.
Absolute maximum ratings - 54ACT series. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 9
Table 4.
Recommended operating conditions for 54AC series . . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 5.
Recommended operating conditions for 54ACT series . . . . . . . . . . . . . . . . . . . . . . . . . . . 10
Table 6.
Ceramic Flat-14 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 11
Table 7.
Ceramic DIL-14 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 12
Table 8.
Ceramic Flat-16 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 13
Table 9.
Ceramic DIL-16 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 14
Table 10.
Ceramic DSCC Flat-20 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 15
Table 11.
Ceramic DIL-20 package mechanical data . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 16
Table 12.
Ceramic Flat-48 (MIL-STD-1835) package mechanical data . . . . . . . . . . . . . . . . . . . . . . . 17
Table 13.
Ordering information . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 18
Table 14.
Document revision history . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 27


Numéro de pièce similaire - 54ACT174

FabricantNo de pièceFiches techniqueDescription
logo
National Semiconductor ...
54ACT174 NSC-54ACT174 Datasheet
140Kb / 8P
   Hex D Flip-Flop with Master Reset
More results

Description similaire - 54ACT174

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
54AC74 STMICROELECTRONICS-54AC74 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
RHFAC191D03V STMICROELECTRONICS-RHFAC191D03V Datasheet
1Mb / 29P
   Rad-hard advanced high-speed 5 V CMOS logic series
54AC14 STMICROELECTRONICS-54AC14 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
54ACT151 STMICROELECTRONICS-54ACT151 Datasheet
403Kb / 28P
   Rad-hard advanced high-speed 5 V CMOS logic series
M54HCT240 STMICROELECTRONICS-M54HCT240_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC154 STMICROELECTRONICS-M54HC154_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
M54HC00 STMICROELECTRONICS-M54HC00_11 Datasheet
306Kb / 29P
   Rad-hard high speed 2 to 6 V CMOS logic series
HCC4060BKT STMICROELECTRONICS-HCC4060BKT Datasheet
336Kb / 16P
   Rad-hard, high voltage, CMOS logic series
Rev 8 - November 2020
HCC4000B STMICROELECTRONICS-HCC4000B_11 Datasheet
303Kb / 24P
   Rad-hard high voltage CMOS logic series
RH-54AC STMICROELECTRONICS-RH-54AC Datasheet
134Kb / 12P
   Advanced Rad-Hardened high speed CMOS 5V logic series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com