Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

2N2907AHR Fiches technique(PDF) 10 Page - STMicroelectronics

No de pièce 2N2907AHR
Description  Hi-Rel 60 V - 0.6 A PNP transistor
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  STMICROELECTRONICS [STMicroelectronics]
Site Internet  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

2N2907AHR Fiches technique(HTML) 10 Page - STMicroelectronics

Back Button 2N2907AHR Datasheet HTML 6Page - STMicroelectronics 2N2907AHR Datasheet HTML 7Page - STMicroelectronics 2N2907AHR Datasheet HTML 8Page - STMicroelectronics 2N2907AHR Datasheet HTML 9Page - STMicroelectronics 2N2907AHR Datasheet HTML 10Page - STMicroelectronics 2N2907AHR Datasheet HTML 11Page - STMicroelectronics 2N2907AHR Datasheet HTML 12Page - STMicroelectronics 2N2907AHR Datasheet HTML 13Page - STMicroelectronics 2N2907AHR Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
Package mechanical data
2N2907AHR
10/16
Doc ID 15382 Rev 3
Figure 9.
LCC-3UB drawings
Table 7.
LCC-3UB mechanical data
Dim.
mm.
Min.
Typ.
Max.
A
1.16
1.42
C
0.46
0.51
0.56
D
0.56
0.76
0.96
E
0.92
1.02
1.12
F
1.95
2.03
2.11
G
2.92
3.05
3.18
I
2.41
2.54
2.67
J
0.42
0.57
0.72
K
1.37
1.52
1.67
L
0.41
0.51
0.61
M
2.46
2.54
2.62
N
1.81
1.91
2.01
r
0.20
r1
0.30
r2
0.56


Numéro de pièce similaire - 2N2907AHR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
2N2907AHR STMICROELECTRONICS-2N2907AHR Datasheet
478Kb / 21P
   Hi-Rel 60 V, 0.6 A PNP transistor
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
   Rad-hard 60 V, 0.6 A PNP transistor
DS6095 - Rev 14 - February 2022
More results

Description similaire - 2N2907AHR

FabricantNo de pièceFiches techniqueDescription
logo
STMicroelectronics
SOC2907A STMICROELECTRONICS-SOC2907A Datasheet
478Kb / 21P
   Hi-Rel 60 V, 0.6 A PNP transistor
2N2905AHR STMICROELECTRONICS-2N2905AHR Datasheet
165Kb / 8P
   Hi-Rel PNP bipolar transistor 60 V, 0.6 A
2N5153HR STMICROELECTRONICS-2N5153HR Datasheet
557Kb / 10P
   Hi-Rel PNP bipolar transistor 80 V - 5 A
2N5401HR STMICROELECTRONICS-2N5401HR Datasheet
222Kb / 10P
   Hi-Rel PNP bipolar transistor 150 V, 0.5 A
2N2907AHR STMICROELECTRONICS-2N2907AHR_V01 Datasheet
276Kb / 14P
   Rad-hard 60 V, 0.6 A PNP transistor
DS6095 - Rev 14 - February 2022
2N2920AHR STMICROELECTRONICS-2N2920AHR Datasheet
160Kb / 9P
   Hi-Rel NPN dual matched bipolar transistor 60 V - 0.03 A
2N2484HR STMICROELECTRONICS-2N2484HR Datasheet
306Kb / 12P
   Hi-Rel NPN bipolar transistor 60 V - 50 mA
2N2222AHR STMICROELECTRONICS-2N2222AHR Datasheet
429Kb / 18P
   Hi-Rel 40 V - 0.8 A NPN transistor
2N5551HR STMICROELECTRONICS-2N5551HR Datasheet
286Kb / 10P
   Hi-Rel NPN bipolar transistor 160 V - 0.5 A
2N5154HR STMICROELECTRONICS-2N5154HR Datasheet
556Kb / 10P
   Hi-Rel NPN bipolar transistor 80 V - 5 A
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com