Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD3068Q Fiches technique(PDF) 5 Page - Sony Corporation

No de pièce CXD3068Q
Description  CD Digital Signal Processor with Built-in Digital Servo
Download  134 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3068Q Fiches technique(HTML) 5 Page - Sony Corporation

  CXD3068Q Datasheet HTML 1Page - Sony Corporation CXD3068Q Datasheet HTML 2Page - Sony Corporation CXD3068Q Datasheet HTML 3Page - Sony Corporation CXD3068Q Datasheet HTML 4Page - Sony Corporation CXD3068Q Datasheet HTML 5Page - Sony Corporation CXD3068Q Datasheet HTML 6Page - Sony Corporation CXD3068Q Datasheet HTML 7Page - Sony Corporation CXD3068Q Datasheet HTML 8Page - Sony Corporation CXD3068Q Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 134 page
background image
– 5 –
CXD3068Q
34
35
36
37
38
39
40
41
42
43
44
45
46
47
48
49
50
51
52
53
54
55
56
57
58
59
60
61
62
63
64
65
66
67
O
I
I
I
I
I
I
I
I
O
I
O
I
I
I
O
I
O
I
I
I/O
O
I
I
O
O
O
O
1, 0
Analog
1, 0
Analog
1, Z, 0
1, 0
1, Z, 0
1, 0
1, 0
1, 0
1, 0
Focus drive output.
Digital GND.
Test. Normally, GND.
Test. Normally, GND.
Center voltage input.
Focus error signal input.
Sled error signal input.
Tracking error signal input.
Center servo analog input.
RF signal input.
Test. No connected.
Analog GND.
Constant current input for operational amplifier.
Analog power supply.
EFM full-swing output. (low = Vss, high = VDD)
Asymmetry comparator voltage input.
EFM signal input.
Analog GND.
Multiplier VCO1 control voltage input.
Master PLL filter output (slave = digital PLL).
Master PLL filter input.
Master PLL charge pump output.
Analog power supply.
Asymmetry circuit constant current input.
Wide-band EFM PLL VCO2 control voltage input.
Wide-band EFM PLL VCO2 oscillation output. Serves as wide-band EFM
PLL clock input by switching with the command.
Wide-band EFM PLL charge pump output.
Digital power supply.
Asymmetry circuit on/off (low = off, high = on).
Digital Out on/off control (low = off, high = on).
Digital Out output.
D/A interface. LR clock output. f = Fs
D/A interface. Serial data output (two's complement, MSB first).
D/A interface. Bit clock output.
FRDR
DVSS1
TEST
TES1
VC
FE
SE
TE
CE
RFDC
ADIO
AVSS0
IGEN
AVDD0
ASYO
ASYI
RFAC
AVSS1
CLTV
FILO
FILI
PCO
AVDD1
BIAS
VCTL
V16M
VPCO
DVDD2
ASYE
MD2
DOUT
LRCK
PCMD
BCK
Pin
No.
Symbol
I/O
Description


Numéro de pièce similaire - CXD3068Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003 SONY-CXD3003 Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
More results

Description similaire - CXD3068Q

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2587Q SONY-CXD2587Q Datasheet
807Kb / 106P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3000R SONY-CXD3000R Datasheet
1Mb / 129P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3011R-1 SONY-CXD3011R-1 Datasheet
1Mb / 160P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2598Q SONY-CXD2598Q Datasheet
1Mb / 147P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3005R SONY-CXD3005R Datasheet
1Mb / 136P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com