Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD3029R Fiches technique(PDF) 4 Page - Sony Corporation

No de pièce CXD3029R
Description  CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
Download  201 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3029R Fiches technique(HTML) 4 Page - Sony Corporation

  CXD3029R Datasheet HTML 1Page - Sony Corporation CXD3029R Datasheet HTML 2Page - Sony Corporation CXD3029R Datasheet HTML 3Page - Sony Corporation CXD3029R Datasheet HTML 4Page - Sony Corporation CXD3029R Datasheet HTML 5Page - Sony Corporation CXD3029R Datasheet HTML 6Page - Sony Corporation CXD3029R Datasheet HTML 7Page - Sony Corporation CXD3029R Datasheet HTML 8Page - Sony Corporation CXD3029R Datasheet HTML 9Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 201 page
background image
– 4 –
CXD3029R
Pin Description
Pin
No.
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
25
26
27
28
29
30
31
Power
supply
2-3V
I/F
Digital
O
O
I/O
I/O
I/O
I/O
O
O
O
O
O
O
O
O
O
O
I/O
I
I
O
I
I
I
O
O
I
I
I/O
I/O
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, 0
1, Z, 0
1, 0
1, 0
1, 0
1, 0
DRAM row address strobe signal.
DRAM data input enable signal.
DRAM data bus 1.
DRAM data bus 0.
DRAM data bus 3.
DRAM data bus 2.
Test pin. Do not connect.
Test pin. Do not connect.
DRAM column address strobe signal.
WFCK output. XOE is output by switching with the command.
DRAM address 9.
DRAM address 8.
DRAM address 7.
DRAM interface GND.
DRAM address 6.
DRAM address 5.
DRAM address 4.
DRAM readout enable signal input. XRDE monitor is output by switching
with the command.
Digital power supply.
Serial data transfer clock input from CPU. SQSO and SENS readout
clocks are output by switching with the command.
Serial data input from CPU.
SENS output to CPU. SQSO data is output by switching with the command.
Latch input from CPU. The serial data is latched at the falling edge. XLAT
which is low for 6µs or more is enabled.
CPU serial data output enable signal.
Mute input. Muted when high.
Word clock output f = 2Fs. GRSCOR is output by switching with the command.
High output when the subcode sync is detected. SCOR, which is
interpolated in the IC, is output by switching with the command.
System reset. Reset when low.
Spindle motor external control input.
Subcode Q OK input. XQOK monitor is output by switching with the command.
DRAM write enable signal input. XWRE monitor is output by switching with
the command.
XRAS
XWE
D1
D0
D3
D2
TEST1
TEST2
XCAS
WFCK
A9
A8
A7
DVSS
A6
A5
A4
XRDE
VDD0
CLOK
DATA
SENS
XLAT
XSOE
SYSM
WDCK
SCOR
XRST
PWMI
XQOK
XWRE
Symbol
I/O Value
Description


Numéro de pièce similaire - CXD3029R

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD3021 SONY-CXD3021 Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
logo
List of Unclassifed Man...
CXD3027 ETC-CXD3027 Datasheet
55Kb / 2P
   CD Audio Digital Signal-Processing LSI Device with On-Chip Digital Servo System Allows Listening without Sound Skipping
logo
Sony Corporation
CXD3027R SONY-CXD3027R Datasheet
1Mb / 191P
   CD Digital Signal Processor with Built-in Digital Servo Shock-Proof Memory Controller Digital High & Bass Boost
logo
List of Unclassifed Man...
CXD3027R-1 ETC-CXD3027R-1 Datasheet
55Kb / 2P
   CD Audio Digital Signal-Processing LSI Device with On-Chip Digital Servo System Allows Listening without Sound Skipping
More results

Description similaire - CXD3029R

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD3048R SONY-CXD3048R Datasheet
1Mb / 205P
   CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
CXD3027R SONY-CXD3027R Datasheet
1Mb / 191P
   CD Digital Signal Processor with Built-in Digital Servo Shock-Proof Memory Controller Digital High & Bass Boost
CXD3059AR SONY-CXD3059AR Datasheet
337Kb / 27P
   CD Digital Signal Processor with Built-in RF Amplifier and Digital Servo Digital High & Bass Boost
CXD3057R SONY-CXD3057R Datasheet
342Kb / 27P
   CD Digital Signal Processor with Built - in RF Amplifier and Digital Servo, Digital High - Bass Boost
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com