Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

CXD3027R Fiches technique(PDF) 68 Page - Sony Corporation

No de pièce CXD3027R
Description  CD Digital Signal Processor with Built-in Digital Servo Shock-Proof Memory Controller Digital High & Bass Boost
Download  191 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  SONY [Sony Corporation]
Site Internet  http://www.sony.co.jp
Logo SONY - Sony Corporation

CXD3027R Fiches technique(HTML) 68 Page - Sony Corporation

Back Button CXD3027R Datasheet HTML 64Page - Sony Corporation CXD3027R Datasheet HTML 65Page - Sony Corporation CXD3027R Datasheet HTML 66Page - Sony Corporation CXD3027R Datasheet HTML 67Page - Sony Corporation CXD3027R Datasheet HTML 68Page - Sony Corporation CXD3027R Datasheet HTML 69Page - Sony Corporation CXD3027R Datasheet HTML 70Page - Sony Corporation CXD3027R Datasheet HTML 71Page - Sony Corporation CXD3027R Datasheet HTML 72Page - Sony Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 191 page
background image
– 68 –
CXD3027R
$BX commands
This command sets the traverse monitor count.
Command
Data 1
Data 2
Data 3
Data 4
D3
D2
D1
D0
D3
D2
D1
D0
D3
D2
D1
D0
D3
D2
D1
D0
215
214
213
212
211
210
29
28
27
26
25
24
23
22
21
20
Traverse monitor
count setting
• When the set number of tracks are counted during fine search, the sled control for the traverse cycle control
goes off.
• The traverse monitor count is set to monitor the traverse status using the SENS outputs COMP and COUT.
Command bit
MTSL1
MTSL0
Output data
XUGF
MINT0
RFCK
C4M
XPCK
MNT1
XPCK
FSTO
GFS
MNT2
XROF
GFS
C2PO
MNT3
GTOP
C2PO
0
0
1
1
0
1
0
1
Command
Data 5
Traverse monitor
count setting
0
0
MTSL1 MTSL0
D3
D2
D1
D0
Data 6
ASYE
MD2
0
0
D3
D2
D1
D0
The monitor output is set as follows.
Command bit
ASYE = 1
ASYE = 0
Asymmetry is on.
Asymmetry is off.
Processing
Command bit
MD2 = 0
MD2 = 1
Digital Out on/off control. Off when 0.
Digital Out on/off control. On when 1.
Processing
∗ However, the $39 command SRO1 must be set to 0.


Numéro de pièce similaire - CXD3027R

FabricantNo de pièceFiches techniqueDescription
logo
List of Unclassifed Man...
CXD3027R-1 ETC-CXD3027R-1 Datasheet
55Kb / 2P
   CD Audio Digital Signal-Processing LSI Device with On-Chip Digital Servo System Allows Listening without Sound Skipping
More results

Description similaire - CXD3027R

FabricantNo de pièceFiches techniqueDescription
logo
Sony Corporation
CXD3048R SONY-CXD3048R Datasheet
1Mb / 205P
   CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
CXD3029R SONY-CXD3029R Datasheet
2Mb / 201P
   CD Digital Signal Processor with Built-in Digital Servo Shock-proof Memory Controller Digital High & Bass Boost
CXD3059AR SONY-CXD3059AR Datasheet
337Kb / 27P
   CD Digital Signal Processor with Built-in RF Amplifier and Digital Servo Digital High & Bass Boost
CXD3057R SONY-CXD3057R Datasheet
342Kb / 27P
   CD Digital Signal Processor with Built - in RF Amplifier and Digital Servo, Digital High - Bass Boost
CXD2585Q SONY-CXD2585Q Datasheet
962Kb / 127P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3008Q SONY-CXD3008Q Datasheet
1,003Kb / 131P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3068Q SONY-CXD3068Q Datasheet
1Mb / 134P
   CD Digital Signal Processor with Built-in Digital Servo
CXD3003R SONY-CXD3003R Datasheet
1Mb / 137P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD3021R SONY-CXD3021R Datasheet
1Mb / 161P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
CXD2586R SONY-CXD2586R Datasheet
1Mb / 127P
   CD Digital Signal Processor with Built-in Digital Servo and DAC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com