Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS39300CZ25 Fiches technique(PDF) 7 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS39300CZ25
Description  3A Ultra Low Dropout Voltage Regulator with Multi-Function
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS39300CZ25 Fiches technique(HTML) 7 Page - Taiwan Semiconductor Company, Ltd

Back Button TS39300CZ25 Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS39300CZ25 Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS39300CZ25 Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS39300CZ25 Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS39300CZ25 Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd TS39300CZ25 Datasheet HTML 8Page - Taiwan Semiconductor Company, Ltd TS39300CZ25 Datasheet HTML 9Page - Taiwan Semiconductor Company, Ltd TS39300CZ25 Datasheet HTML 10Page - Taiwan Semiconductor Company, Ltd TS39300CZ25 Datasheet HTML 11Page - Taiwan Semiconductor Company, Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
TS39300/1/2/3
3A Ultra Low Dropout Voltage Regulator
with Multi-Function
7/12
Version: B07
Application Information (Continue)
Thermal Characteristics
TS39300/1/2/3 linear regulators are simple to use, the most complicated design parameters to consider are thermal
characteristics, thermal design requires the following application specification parameters:
Maximum ambient temperature, TA
Output current, IOUT
Output voltage, VOUT
Input voltage, VIN
Calculate the power dissipation of the regulator from these numbers and the device parameters from this datasheet,
where the ground current is taken from data sheet.
PD = (VIN – VOUT) x IOUT + VIN x IGND
The heat sink thermal resistance is determined by:
ӨSA = (TJ(MAX) – TA) / PD – (ӨJC + ӨCS)
Where
TJ(MAX) ≤ 125oC and ӨCS is between 0oC and 2oC/W. The heat sink may by significantly reduced in
applications where the minimum input voltage is know and is large compared with the dropout voltage and distribute
the heat between this resistor and the regulator. The low dropout properties of vertical PNP regulators allow
significant reductions in regulator power dissipation and the associated heat sink without compromising performance.
When this technique is employed, a capacitor of at least 1uF is needed directly between the input and regulator
ground.
Typical Application Circuit
2.5V/3A Regulator
2.5V/3A Regulator with Error Flag


Numéro de pièce similaire - TS39300CZ25

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS39300CZ TSC-TS39300CZ Datasheet
296Kb / 6P
   3A Ultra Low Dropout Positive Voltage Regulator
TS39300CZ TSC-TS39300CZ Datasheet
502Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ18 TSC-TS39300CZ18 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ33 TSC-TS39300CZ33 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ50 TSC-TS39300CZ50 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
More results

Description similaire - TS39300CZ25

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS39301CM550 TSC-TS39301CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM550 TSC-TS39303CM550 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM50 TSC-TS39300CM50 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ18 TSC-TS39300CZ18 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CZ50 TSC-TS39300CZ50 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300 TSC-TS39300_08 Datasheet
721Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300CM33 TSC-TS39300CM33 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39300 TSC-TS39300_07 Datasheet
502Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39303CM533 TSC-TS39303CM533 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM518 TSC-TS39301CM518 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
TS39301CM533 TSC-TS39301CM533 Datasheet
309Kb / 12P
   3A Ultra Low Dropout Voltage Regulator with Multi-Function
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com