Moteur de recherche de fiches techniques de composants électroniques
  French  ▼
ALLDATASHEET.FR

X  

TS9005KCY Fiches technique(PDF) 3 Page - Taiwan Semiconductor Company, Ltd

No de pièce TS9005KCY
Description  600mA Adjustable CMOS LDO with Enable Function
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricant  TSC [Taiwan Semiconductor Company, Ltd]
Site Internet  http://www.taiwansemi.com
Logo TSC - Taiwan Semiconductor Company, Ltd

TS9005KCY Fiches technique(HTML) 3 Page - Taiwan Semiconductor Company, Ltd

  TS9005KCY Datasheet HTML 1Page - Taiwan Semiconductor Company, Ltd TS9005KCY Datasheet HTML 2Page - Taiwan Semiconductor Company, Ltd TS9005KCY Datasheet HTML 3Page - Taiwan Semiconductor Company, Ltd TS9005KCY Datasheet HTML 4Page - Taiwan Semiconductor Company, Ltd TS9005KCY Datasheet HTML 5Page - Taiwan Semiconductor Company, Ltd TS9005KCY Datasheet HTML 6Page - Taiwan Semiconductor Company, Ltd TS9005KCY Datasheet HTML 7Page - Taiwan Semiconductor Company, Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
TS9005
600mA Adjustable CMOS LDO
with Enable Function
3/7
Version: C07
Typical Application Circuit
Fixed Version
Adjustable Version
Fixed Version
Application Information
TS9005 is specifically designed for portable applications requiring minimum board space and smallest components.
It can provide 600mA output current at dropout voltage about 600mV. Beside, current limit and thermal shutdown
features provide protection against any combination of overload or ambient temperature that could exceed junction
temperature.
Capacitor Selection
TS9005 is designed to be stable with a wide range of output capacitors. The ESR of the output capacitor affects
stability. Larger output capacitor value can decrease peak deviations and to improve transition response for larger
current changes. So the ESR of output capacitor is very important because it generates a zero to provide phase lead
for loop stability. There is no requirement for the ESR on the input capacitor, but voltage and temperature coefficient
have to be considered for device application environments.
The capacitor types (aluminum, ceramic and tantalum) have difference characterizations such as temperature and
voltage coefficients. All ceramic capacitors are produces with a variety of dielectrics, each with different behavior
across temperature and applications. Common dielectric use are X5R, X7R and Y5V. It is recommended to use 1uF
X5R or X7R dielectric ceramic capacitor with 30mΩ~50mΩ ESR range between device outputs to ground for transient
stability.
Current Limit and Thermal Shutdown Protection
In order to prevent overloading or thermal condition from damaging the device, TS9005 regulator has internal thermal
and current limiting functions designed to protect the device. It will rapidly shut off PMOS pass element during
overloading or over temperature condition.


Numéro de pièce similaire - TS9005KCY

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS9005KCW TSC-TS9005KCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
More results

Description similaire - TS9005KCY

FabricantNo de pièceFiches techniqueDescription
logo
Taiwan Semiconductor Co...
TS9005DCX5 TSC-TS9005DCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCX5 TSC-TS9005KCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCX5 TSC-TS9005SCX5 Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCW TSC-TS9005DCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005DCY TSC-TS9005DCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCW TSC-TS9005SCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005KCW TSC-TS9005KCW Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005SCY TSC-TS9005SCY Datasheet
207Kb / 7P
   600mA Adjustable CMOS LDO with Enable Function
TS9005 TSC-TS9005_13 Datasheet
103Kb / 5P
   600mA CMOS LDO with Enable Function
logo
Advanced Power Electron...
APE8843 A-POWER-APE8843_14 Datasheet
60Kb / 4P
   DUAL 600mA LDO REGULATOR WITH ENABLE FUNCTION
More results


Html Pages

1 2 3 4 5 6 7


Fiches technique Télécharger

Go To PDF Page


Lien URL




Politique de confidentialité
ALLDATASHEET.FR
ALLDATASHEET vous a-t-il été utile ?  [ DONATE ] 

À propos de Alldatasheet   |   Publicité   |   Contactez-nous   |   Politique de confidentialité   |   Echange de liens   |   Fabricants
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com